Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8S2245 Fiches technique(PDF) 700 Page - Renesas Technology Corp

No de pièce H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Fiches technique(HTML) 700 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 696Page - Renesas Technology Corp H8S2245 Datasheet HTML 697Page - Renesas Technology Corp H8S2245 Datasheet HTML 698Page - Renesas Technology Corp H8S2245 Datasheet HTML 699Page - Renesas Technology Corp H8S2245 Datasheet HTML 700Page - Renesas Technology Corp H8S2245 Datasheet HTML 701Page - Renesas Technology Corp H8S2245 Datasheet HTML 702Page - Renesas Technology Corp H8S2245 Datasheet HTML 703Page - Renesas Technology Corp H8S2245 Datasheet HTML 704Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 700 / 818 page
background image
Appendix B Register Field
Rev.3.00 Mar. 26, 2007 Page 658 of 772
REJ09B0355-0300
DTCER—DTC Enable Registers
H'FF30 to H'FF35
DTC
7
DTCE7
0
R/W
6
DTCE6
0
R/W
5
DTCE5
0
R/W
4
DTCE4
0
R/W
3
DTCE3
0
R/W
0
DTCE0
0
R/W
2
DTCE2
0
R/W
1
DTCE1
0
R/W
0
1
DTC activation by this interrupt is disabled
[Clearing conditions]
• When the DISEL bit is 1 and data transfer has ended
• When the specified number of transfers have ended
DTC activation by this interrupt is enabled
[Holding condition]
When the DISEL bit is 0 and the specified number of transfers have not
ended
DTC Activation Enable
Bit
Initial value
Read/Write
:
:
:
Correspondence between interrupt sources and DTCER bits
Register
Bit
7
IRQ0
—
TGI2A
—
—
RXI2
DTCERA
DTCERB
DTCERC
DTCERD
DTCERE
DTCERF
6
IRQ1
ADI
TGI2B
—
—
TXI2
5
IRQ2
TGI0A
—
—
—
—
4
IRQ3
TGI0B
—
—
—
—
3
IRQ4
TGI0C
—
CMIA0
RXI0
—
2
IRQ5
TGI0D
—
CMIB0
TXI0
—
1
IRQ6
TGI1A
—
CMIA1
RXI1
—
0
IRQ7
TGI1B
—
CMIB1
TXI1
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More