| Moteur de recherche de fiches techniques de composants électroniques |
|
H8S2245 Fiches technique(PDF) 640 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 Fiches technique(HTML) 640 Page - Renesas Technology Corp |
|
640 / 818 page ![]() Section 19 Electrical Characteristics Rev.3.00 Mar. 26, 2007 Page 598 of 772 REJ09B0355-0300 19.6 Usage Notes Although both the ZTAT and mask ROM versions fully meet the electrical specifications listed in this manual, due to differences in the fabrication process, the on-chip ROM, and the layout patterns, there will be differences in the actual values of the electrical characteristics, the operating margins, the noise margins, and other aspects. Therefore, if a system is evaluated using the ZTAT version, a similar evaluation should also be performed using the mask ROM version. |