Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8S2245 Fiches technique(PDF) 584 Page - Renesas Technology Corp

No de pièce H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Fiches technique(HTML) 584 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 580Page - Renesas Technology Corp H8S2245 Datasheet HTML 581Page - Renesas Technology Corp H8S2245 Datasheet HTML 582Page - Renesas Technology Corp H8S2245 Datasheet HTML 583Page - Renesas Technology Corp H8S2245 Datasheet HTML 584Page - Renesas Technology Corp H8S2245 Datasheet HTML 585Page - Renesas Technology Corp H8S2245 Datasheet HTML 586Page - Renesas Technology Corp H8S2245 Datasheet HTML 587Page - Renesas Technology Corp H8S2245 Datasheet HTML 588Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 584 / 818 page
background image
Section 16 ROM
Rev.3.00 Mar. 26, 2007 Page 542 of 772
REJ09B0355-0300
16.5.4
Reliability of Programmed Data
An effective way to assure the data retention characteristics of the programmed chips is to bake
them at 150°C, then screen them for data errors. This procedure quickly eliminates chips with
PROM cells prone to early failure.
Figure 16.6 shows the recommended screening procedure.
Mount
Program chip and verify data
Bake chip for 24 to 48 hours at
125
°C to 150°C with power off
Read and check program
Figure 16.6 Recommended Screening Procedure
If a series of programming errors occurs while the same PROM programmer is being used, stop
programming and check the PROM programmer and socket adapter for defects.
Please inform Renesas of any abnormal conditions noted during or after programming or in
screening of program data after high-temperature baking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More