Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8S2245 Fiches technique(PDF) 526 Page - Renesas Technology Corp

No de pièce H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Fiches technique(HTML) 526 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 522Page - Renesas Technology Corp H8S2245 Datasheet HTML 523Page - Renesas Technology Corp H8S2245 Datasheet HTML 524Page - Renesas Technology Corp H8S2245 Datasheet HTML 525Page - Renesas Technology Corp H8S2245 Datasheet HTML 526Page - Renesas Technology Corp H8S2245 Datasheet HTML 527Page - Renesas Technology Corp H8S2245 Datasheet HTML 528Page - Renesas Technology Corp H8S2245 Datasheet HTML 529Page - Renesas Technology Corp H8S2245 Datasheet HTML 530Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 526 / 818 page
background image
Section 13 Smart Card Interface
Rev.3.00 Mar. 26, 2007 Page 484 of 772
REJ09B0355-0300
13.3.3
Data Format
Figure 13.3 shows the Smart Card interface data format. In reception in this mode, a parity check
is carried out on each frame, and if an error is detected an error signal is sent back to the
transmitting end, and retransmission of the data is requested. If an error signal is sampled during
transmission, the same data is retransmitted.
Ds
D0
D1
D2
D3
D4
D5
D6
D7
Dp
When there is no parity error
Transmitting station output
Ds
D0
D1
D2
D3
D4
D5
D6
D7
Dp
When a parity error occurs
Transmitting station output
DE
Receiving station
output
: Start bit
: Data bits
: Parity bit
: Error signal
Legend:
Ds
D0 to D7
Dp
DE
Figure 13.3 Smart Card Interface Data Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More