| Moteur de recherche de fiches techniques de composants électroniques |
|
H8S2245 Fiches technique(PDF) 511 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 Fiches technique(HTML) 511 Page - Renesas Technology Corp |
|
511 / 818 page ![]() Section 12 Serial Communication Interface (SCI) Rev.3.00 Mar. 26, 2007 Page 469 of 772 REJ09B0355-0300 SCK output pin TE bit TxD output pin Port input/output High output Port input/output High output Start Stop Start of transmission End of transmission Port input/output SCI TxD output Port SCI TxD output Port Transition to software standby Exit from software standby Figure 12.24 Asynchronous Transmission Using Internal Clock Port input/output Last TxD bit held High output* Port input/output Marking output Port input/output SCI TxD output Port Port Note: * Initialized by software standby. SCK output pin TE bit TxD output pin SCI TxD output Start of transmission End of transmission Transition to software standby Exit from software standby Figure 12.25 Synchronous Transmission Using Internal Clock |