Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

7480 Fiches technique(PDF) 28 Page - Renesas Technology Corp

No de pièce 7480
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Fiches technique(HTML) 28 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 24Page - Renesas Technology Corp 7480 Datasheet HTML 25Page - Renesas Technology Corp 7480 Datasheet HTML 26Page - Renesas Technology Corp 7480 Datasheet HTML 27Page - Renesas Technology Corp 7480 Datasheet HTML 28Page - Renesas Technology Corp 7480 Datasheet HTML 29Page - Renesas Technology Corp 7480 Datasheet HTML 30Page - Renesas Technology Corp 7480 Datasheet HTML 31Page - Renesas Technology Corp 7480 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 98 page
background image
27
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Fig. 21 Timing diagram in pulse cycle measurement mode (at “rising edge interval” measurement)
Fig. 22 Timing diagram in pulse width measurement mode (at “L section” measurement)
TR
FFFF16
000016
TR : Timer interrupt request
CNTR: CNTR0/CNTR1 interrupt request
TR
Input signal from
CNTR0/CNTR1 pin
CNTR
CNTR
CNTR
CNTR
FFFF16+T1
T2
T3
FFFF16
CNTR0/CNTR1 interrupt polarity is active at rising edge.
T3
T2
T1
TR
FFFF16
000016
TR : Timer interrupt request
CNTR : CNTR 0/CNTR1 interrupt request
Input signal from
CNTR0/CNTR1 pin
CNTR
CNTR
CNTR
FFFF16+T2
T1
T3
CNTR0/CNTR1 interrupt polarity is active at rising edge, and pulse L width is measured.
T3
T2
T1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98