| Moteur de recherche de fiches techniques de composants électroniques |
|
7480 Fiches technique(PDF) 35 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7480 Fiches technique(HTML) 35 Page - Renesas Technology Corp |
|
35 / 98 page ![]() MITSUBISHI MICROCOMPUTERS 7480/7481 GROUP SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 34 PRELIMINAR Y Notice: This is not a final specification. Some parametric limits are subject to change. 7480/7481 group serial I/O Interface driver/ receiver TxD RxD LAN data bus Bus Arbitration Interrupt The 7480/7481 group is provided with a built-in bus arbitration in- terrupt as a function for bus conflict system communication. At such bus conflict system communication, as shown in Figure 33, if transmit data cannot be transmitted to the LAN data bus due to a transmit data collision, the data collision can be detected by the bus arbitration interrupt. Fig. 33 Example of bus conflict system communication |