| Moteur de recherche de fiches techniques de composants électroniques |
|
7480 Fiches technique(PDF) 96 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7480 Fiches technique(HTML) 96 Page - Renesas Technology Corp |
|
96 / 98 page ![]() MITSUBISHI MICROCOMPUTERS 7480/7481 GROUP SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 95 PRELIMINAR Y Notice: This is not a final specification. Some parametric limits are subject to change. Mitsubishi IC catalog name A. Standard Mitsubishi Mark Note1 : If the special mark is to be printed, indicate the desired layout of the mark in the left figure. The layout will be duplicated as close as possible. Mitsubishi lot number (6-digit ) and mask ROM number (3-digit) are always marked. 2 : If the customer’s trade mark logo must be used in the special mark, check the box below. Please submit a clean original of the logo. For the new special character fonts a clean font original (ideally logo drawing) must be sub- mitted. 44P6N (44-PIN QFP) MARK SPECIFICATION FORM q!1 #3 @3 !2 @2 $4 #4 Mitsubishi lot number (6-digit) Mitsubishi IC catalog name 3 : The standard Mitsubishi font is used for all characters ex- cept for a logo. Special logo required Please choose one of the marking types below (A, B, C), and enter the Mitsubishi IC catalog name and the special mark (if needed). q!1 #3 @3 !2 @2 $4 #4 Mitsubishi IC catalog name and Mitsubishi lot number Note4 : If the Mitsubishi logo is not required, check the box below. Mitsubishi logo is not required. Customer’s parts number Note : The fonts and size of characters are standard Mitsubishi type. B. Customer’s Parts Number + Mitsubishi Catalog Name q!1 #3 @3 !2 @2 $4 #4 C. Special Mark Required Note1 : The mark field should be written right aligned. 2 : The fonts and size of characters are standard Mitsubishi type. 3 : Customer’s parts number can be up to 7 characters : Only 0 ~ 9, A ~ Z,+,–, ⁄ , (, ), &, ©, • (period), and , (comma) are usable. |