| Moteur de recherche de fiches techniques de composants électroniques |
|
7480 Fiches technique(PDF) 64 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7480 Fiches technique(HTML) 64 Page - Renesas Technology Corp |
|
64 / 98 page ![]() MITSUBISHI MICROCOMPUTERS 7480/7481 GROUP SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 63 PRELIMINAR Y Notice: This is not a final specification. Some parametric limits are subject to change. 740 FAMILY MASK ROM CONFIRMATION FORM SINGLE-CHIP MICROCOMPUTER M37480M2T-XXXSP/FP MITSUBISHI ELECTRIC GZZ-SH09-84B<56A0> Recommend to writing the following pseudo-command to the start address of the assembler source program. Note : If the name of the product written to the EPROMs does not match the name of the mask confirmation, the ROM processing is disabled. Write the data correctly. g 2. Mark specification Mark specification must be submitted using the correct form for the package being ordered fill out the appropriate mark specification form (32P4B for M37480M2T-XXXSP, 32P2W-A for M37480M2T-XXXFP) and attach to the mask ROM confirmation form. 27256 27512 V= $8000 .BYTE ‘M37480M2T–’ V= $0000 .BYTE ‘M37480M2T–’ 27128 V= $C000 .BYTE ‘M37480M2T–’ EPROM type The pseudo-command g 3. Comments Mask ROM number |