| Moteur de recherche de fiches techniques de composants électroniques |
|
HS4318ESS01H Fiches technique(PDF) 28 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HS4318ESS01H Fiches technique(HTML) 28 Page - Renesas Technology Corp |
|
28 / 68 page ![]() HD404318 Series 26 I/O Pin Type Circuit Pins Peripheral function pins Input/ pins VCC Input data HLT MIS3 SI PDR SI Input control VCC HLT MIS3 PDR A/D input AN 0–AN 7 Notes: 1. In stop mode, the MCU is reset and the peripheral function selection is cancelled. The HLT signal goes low, and input/output pins the enter high-impedance state. 2. The HLT signal is 1 in active and standby modes. |