| Moteur de recherche de fiches techniques de composants électroniques |
|
HS4318ESS01H Fiches technique(PDF) 11 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HS4318ESS01H Fiches technique(HTML) 11 Page - Renesas Technology Corp |
|
11 / 68 page ![]() HD404318 Series 9 RAM MemoryMap A/D channel register (ACR) $000 $000 $040 $050 $003 $004 $005 $006 $007 $008 $009 $00A $00B $00C $00D $00E $00F $020 $023 $033 $034 $00A $00B $00E $00F W W R/W W W W W W W W W W R R R R W R/W R/W R/W R/W R/W $3C0 RAM-mapped registers Memory registers (MR) Stack (64 digits) Interrupt control bits area Port mode register A (PMRA) Serial mode register (SMR) Serial data register lower (SRL) Serial data register upper (SRU) Timer mode register A (TMA) Timer mode register B1 (TMB1) Timer B (TRBL/TWBL) (TRBU/TWBU) Miscellaneous register (MIS) Timer mode register C (TMC) Timer C (TRCL/TWCL) (TRCU/TWCU) Register flag area Port R0 DCR (DCR0) Port R3 DCR (DCR3) Not used 1. Two registers are mapped on the same area ($00A, $00B, $00E, $00F). 2. Undefined. Timer read register B lower (TRBL) Timer read register B upper (TRBU) Timer read register C lower (TRCL) Timer read register C upper (TRCU) Timer write register B lower (TWBL) Timer write register B upper (TWBU) Timer write register C lower (TWCL) Timer write register C upper (TWCU) R: Read only W: Write only R/W: Read/write $180 Notes: $016 R A/D data register lower (ADRL) $017 $024 $025 $026 $018 $019 $01A $3FF A/D data register upper (ADRU) A/D mode register 1 (AMR1) A/D mode register 2 (AMR2) R W W W Port mode register B (PMRB) Port mode register C (PMRC) Timer mode register B2 (TMB2) Not used Port R4 DCR (DCR4) W W W W $030 Data (304 digits) Not used Not used Not used Not used -000 0000 0000 Undefined Undefined -000 0000 *2/0000 00-- 0000 0000 0000 0000 1000 0000 --00 0000 00-0 -000 0000 Undefined *2/0000 Undefined *1 Initial values after reset $03F Figure 2 RAM Memory Map and Initial Values |