| Moteur de recherche de fiches techniques de composants électroniques |
|
HS4318ESS01H Fiches technique(PDF) 34 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HS4318ESS01H Fiches technique(HTML) 34 Page - Renesas Technology Corp |
|
34 / 68 page ![]() HD404318 Series 32 System clock Selector Prescaler S (PSS) Timer A interrupt request flag (IFTA) Overflow Timer counter A (TCA) Timer mode register A (TMA) 3 øPER Figure 22 Timer A Block Diagram Bit Initial value Read/Write Bit name 3 — — Not used 2 0 W TMA2 0 0 W TMA0 1 0 W TMA1 Timer mode register A (TMA: $008) 0 0 1 0 1 0 1 0 1 0 1 PSS PSS PSS PSS PSS PSS PSS PSS TMA1 TMA2 TMA0 Source Prescaler Input clock frequency 0 1 1 2048tcyc 1024tcyc 512tcyc 128tcyc 32tcyc 8tcyc 4tcyc 2tcyc Figure 23 Timer Mode Register A (TMA) |