| Moteur de recherche de fiches techniques de composants électroniques |
|
HS4318ESS01H Fiches technique(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HS4318ESS01H Fiches technique(HTML) 4 Page - Renesas Technology Corp |
|
4 / 68 page ![]() HD404318 Series 2 • Seven interrupt sources Two by external sources Three by timers One each by the A/D converter and serial interface • Two low-power dissipation modes Standby mode Stop mode • Instruction cycle time 1 µs (f osc = 4 MHz) Ordering Information Type Model Name ROM (words) RAM (digit) Package Mask ROM HD404314S 4,096 384 DP-42S HD404314H FP-44A HD404316S 6,144 DP-42S HD404316H FP-44A HD404318S 8,192 DP-42S HD404318H FP-44A ZTAT ™ HD4074318S 8,192 DP-42S HD4074318H FP-44A Recommended PROM Programmers and Socket Adapters PROM Programmer Socket Adapter Manufacture Model Name Package Manufacturer Model Name DATA I/O Corp. 121B DP-42S Hitachi HS4318ESS01H FP-44A HS4318ESH01H AVAL Corp. PKW-1000 DP-42S Hitachi HS4318ESS01H FP-44A HS4318ESH01H |