| Moteur de recherche de fiches techniques de composants électroniques |
|
HS4318ESS01H Fiches technique(PDF) 33 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HS4318ESS01H Fiches technique(HTML) 33 Page - Renesas Technology Corp |
|
33 / 68 page ![]() HD404318 Series 31 Timers The MCU has three built-in timers: A, B, and C. The functions of each timer are listed in table 7. Timer A Timer A is an 8-bit free-running timer that has the following features: • One of eight internal clocks can be selected from prescaler S according to the setting of timer mode register A (TMA: $008) • An interrupt request can be generated when timer counter A (TCA) overflows • Input clock frequency must not be modified during timer A operation Table 7 Timer Functions Functions Timer A Timer B Timer C Clock source Prescaler S Available Available Available External event — Available — Timer functions Free-running Available Available Available Event counter — Available — Reload — Available Available Watchdog — — Available Input capture — Available — Timer output PWM — — Available |