| Moteur de recherche de fiches techniques de composants électroniques |
|
ST52T410 Fiches technique(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST52T410 Fiches technique(HTML) 61 Page - STMicroelectronics |
|
61 / 84 page ![]() ST52T410/ST52T420/E420 61/84 Figure 10.10 Configuration Register 10 Table 10.6 Config. Register 10 Description Bit Name Value Description 0 TIRST2 0 PWM/TIMER 2 Internal RESET 1 PWM/TIMER 2 Internal SET 1 - - - not used 2 TISTR2 0 PWM/TIMER 2 Internal STOP 1 PWM/TIMER 2 Internal START 3 - - - not used 4 INTE2 00 TIMER2 Interrupt on TIMER2OUT Falling Edge 01 TIMER2 Interrupt on TIMER2OUT Rising Edge 5 10 TIMER2 Interrupt on Both Edges of TIMER2OUT 11 - not used 6 INTSL2 0 TIMER2 Interrupt on Counter Stop 1 TIMER2 Interrupt on TIMER2OUT 7 T2MODE 0 TIMER MODE 1 PWM MODE D7 D6 D5 D4 D3 D2 D1 D0 TIRST2: Timer 2 RESET - not used TISTR2: Timer 2 START - not used INTE2: Timer 2 Interrupt on TIMER2OUT Rising/Falling Edge INTSL2: Timer 2 Interrupt Source selection T2MODE: Timer 2 working mode REG_CONF 10 TIMER 2 |