Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20-GP1 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 20Page - STMicroelectronics ST20-GP1 Datasheet HTML 21Page - STMicroelectronics ST20-GP1 Datasheet HTML 22Page - STMicroelectronics ST20-GP1 Datasheet HTML 23Page - STMicroelectronics ST20-GP1 Datasheet HTML 24Page - STMicroelectronics ST20-GP1 Datasheet HTML 25Page - STMicroelectronics ST20-GP1 Datasheet HTML 26Page - STMicroelectronics ST20-GP1 Datasheet HTML 27Page - STMicroelectronics ST20-GP1 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 116 page
background image
ST20-GP1
24/116
®
Figure 4.4 Trap arrangement
There are four groups of traps, as detailed below.
•
Breakpoint
This group consists of the
Breakpoint trap. The breakpoint instruction (j0) calls the break-
point routine via the trap mechanism.
•
Errors
The traps in this group are
IntegerError and Overflow. Overflow represents arithmetic over-
flow, such as arithmetic results which do not fit in the result word.
IntegerError represents
errors caused when data is erroneous, for example when a range checking instruction finds
that data is out of range.
•
System operations
This group consists of the
LoadTrap, StoreTrap and IllegalOpcode traps. The IllegalOpcode
trap is signalled when an attempt is made to execute an illegal instruction. The
LoadTrap
and
StoreTrap traps allow a kernel to intercept attempts by a monitored process to change
or examine trap handlers or trapped process information. It enables a user program to sig-
nal to a kernel that it wishes to install a new trap handler.
•
Scheduler
The scheduler trap group consists of the
ExternalChannel, InternalChannel, Timer, TimeS-
lice, Run, Signal, ProcessInterrupt and QueueEmpty traps. The ProcessInterrupt trap sig-
nals that the machine has performed a priority interrupt from low to high. The
QueueEmpty
trap indicates that there is no further executable work to perform. The other traps in this
group indicate that the hardware scheduler wants to schedule a process on a process
queue, with the different traps enabling the different sources of this to be monitored.
The scheduler traps enable a software scheduler kernel to use the hardware scheduler to
implement a multi-priority software scheduler.
Note that scheduler traps are different from other traps as they are caused by the micro-
scheduler rather than by an executing process.
Note, when the scheduler trap is caused by a process that is ready to be scheduled, the
Wptr of that process is stored in the workspace of the scheduler trap handler, at address 0.
The trap handler can access this using a
ldl 0 instruction.
Low priority traps
High priority traps
Breakpoint
trap handler
CPU Error
trap handler
System operations
trap handler
Scheduler
trap handler
Breakpoint
trap handler
CPU Error
trap handler
System operations
trap handler
Scheduler
trap handler