| Moteur de recherche de fiches techniques de composants électroniques |
|
ST20-GP1 Fiches technique(PDF) 84 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-GP1 Fiches technique(HTML) 84 Page - STMicroelectronics |
|
84 / 116 page ![]() ST20-GP1 84/116 ® ASCStatus register The ASCStatus register determines the cause of an interrupt. ASCStatus ASC base address + #14 Read Only Bit Bit field Function 0 RxBufFull Receiver buffer full flag 0 receiver buffer not full 1 receiver buffer full 1 TxEmpty Transmitter empty flag 0 transmitter not empty 1 transmitter empty 2 TxBufEmpty Transmitter buffer empty flag 0 transmitter buffer not empty 1 transmitter buffer empty 3 ParityError Parity error flag 0 no parity error 1 parity error 4 FrameError Framing error flag 0 no framing error 1 framing error 5 OverrunError Overrun error flag 0 no overrun error 1 overrun error 7:6 RESERVED. Write 0, will read back 0. Table 13.7 ASCStatus register format |