Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20-GP1 Fiches technique(PDF) 83 Page - STMicroelectronics

No de pièce ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Fiches technique(HTML) 83 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 79Page - STMicroelectronics ST20-GP1 Datasheet HTML 80Page - STMicroelectronics ST20-GP1 Datasheet HTML 81Page - STMicroelectronics ST20-GP1 Datasheet HTML 82Page - STMicroelectronics ST20-GP1 Datasheet HTML 83Page - STMicroelectronics ST20-GP1 Datasheet HTML 84Page - STMicroelectronics ST20-GP1 Datasheet HTML 85Page - STMicroelectronics ST20-GP1 Datasheet HTML 86Page - STMicroelectronics ST20-GP1 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 116 page
background image
ST20-GP1
83/116
®
ASCIntEnable
ASC base address + #10
Read/Write
Bit
Bit field
Function
0
RxBufFullIE
Receiver buffer full interrupt enable
0
receiver buffer full interrupt disable
1
receiver buffer full interrupt enable
1
TxEmptyIE
Transmitter empty interrupt enable
0
transmitter empty interrupt disable
1
transmitter empty interrupt enable
2
TxBufEmptyIE
Transmitter buffer empty interrupt enable
0
transmitter buffer empty interrupt disable
1
transmitter buffer empty interrupt enable
3
ParityErrorIE
Parity error interrupt enable
0
parity error interrupt disable
1
parity error interrupt enable
4
FrameErrorIE
Framing error interrupt enable
0
framing error interrupt disable
1
framing error interrupt enable
5
OverrunErrorIE
Overrun error interrupt enable
0
overrun error interrupt disable
1
overrun error interrupt enable
7:6
RESERVED. Write 0, will read back 0.
Table 13.6 ASCIntEnable register format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More