Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20-GP1 Fiches technique(PDF) 69 Page - STMicroelectronics

No de pièce ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Fiches technique(HTML) 69 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 65Page - STMicroelectronics ST20-GP1 Datasheet HTML 66Page - STMicroelectronics ST20-GP1 Datasheet HTML 67Page - STMicroelectronics ST20-GP1 Datasheet HTML 68Page - STMicroelectronics ST20-GP1 Datasheet HTML 69Page - STMicroelectronics ST20-GP1 Datasheet HTML 70Page - STMicroelectronics ST20-GP1 Datasheet HTML 71Page - STMicroelectronics ST20-GP1 Datasheet HTML 72Page - STMicroelectronics ST20-GP1 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 116 page
background image
ST20-GP1
69/116
®
Figure 11.1 Peek, poke and bootstrap
Note,
peeks and pokes in the address range #20000000 to #3FFFFFFF access the internal
peripheral device registers. Therefore they can be used to configure the EMI before booting. Note
that addresses that overlap the internal peripheral addresses (#20000000 to 3FFFFFFF) can not
be accessed via the link.
Following a
peek or poke, the ST20-GP1 returns to its previously held state. Any number of
accesses may be made in this way until the control byte is greater than 1, when the ST20-GP1 will
commence reading its bootstrap program.
0
address
data
1
address
data
n
bootstrap
1n
Poke
Peek
reply
Bootstrap
Control byte
where n is 2 to 255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More