Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

36360 Fiches technique(PDF) 6 Page - Lapp.

No de pièce 36360
Description  EPIC® Circular Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LAPP [Lapp.]
Site Internet  https://e.lapp.com/us/
Logo LAPP - Lapp.

36360 Fiches technique(HTML) 6 Page - Lapp.

  36360 Datasheet HTML 1Page - Lapp. 36360 Datasheet HTML 2Page - Lapp. 36360 Datasheet HTML 3Page - Lapp. 36360 Datasheet HTML 4Page - Lapp. 36360 Datasheet HTML 5Page - Lapp. 36360 Datasheet HTML 6Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
412
800-774-3539 • www.lappusa.com • www.lappcanada.com • www.lappmexico.com
Application with
OLFLEX® Servo Cables
Cable
Series
OLFLEX® SERVO FD 750 P
CE
OLFLEX® SERVO FD 750 CP
UL/CSA/CE
OLFLEX® SERVO FD 755 P
CE
OLFLEX® SERVO FD 755 CP
CE
OLFLEX® SERVO FD LK-SMS-FX8
UL/CSA/VDE/CE
OLFLEX® SERVO FD LK-INX
UL/CSA/CE
Part
Number
-
-
-
-
-
-
-
-
0027724
0027725
-
-
Part
Number
36245
36250
32322UL
36350
36351
36370
36371
36360
0027718
0027719
7072404
7072405
Conductor
Configuration
-
-
-
-
-
-
-
-
16 AWG/4c
14 AWG/4c
-
-
Use with LS1 (5+PE)
Use with LS1 (3+PE+4)
Conductor
Configuration
16 AWG/4c + 2pr 18
14 AWG/4c + 2pr 18
16 AWG/4c + 2pr 17
16 AWG/4c + 2pr 18
14 AWG/4c + 2pr 18
16 AWG/4c + 1pr 17
14 AWG/4c + 1pr 17
16 AWG/4c + 2pr 18
16 AWG/4c + 1pr 16
14 AWG/4c + 1pr 16
16 AWG/4c + 2pr 19
14 AWG/4c + 2pr 18
Stationary Applications
Continuous Flex Applications
Cable
Series
OLFLEX® SERVO 709 CY
UL/CSA/CE
OLFLEX® SERVO 700
CE
OLFLEX® SERVO 700 CY
CE
OLFLEX® SERVO FD
LK-SMS-FX5
UL/CSA/VDE/CE
Part
Number
0038010
0038011
-
-
-
-
0025700
0025701
Part
Number
0038021
0038022
0036145
0036150
0036157
0036158
0025715
0025716
Conductor
Configuration
16 AWG/4c
14 AWG/4c
-
-
-
-
16 AWG/4c
14 AWG/4c
Use with LS1 (5+PE)
Use with LS1 (3+PE+4)
Conductor
Configuration
16 AWG/4c + 2pr 19
14 AWG/4c + 2pr 18
16 AWG/4c + 2pr 19
14 AWG/4c + 2pr 19
16 AWG/4c + 2pr 19
14 AWG/4c + 2pr 19
16 AWG/4c + 1pr 16
14 AWG/4c + 1 pr16
EPIC® Circular Connectors
CIRCON LS1 Series



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com