Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

36360 Fiches technique(PDF) 1 Page - Lapp.

No de pièce 36360
Description  EPIC® Circular Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LAPP [Lapp.]
Site Internet  https://e.lapp.com/us/
Logo LAPP - Lapp.

36360 Fiches technique(HTML) 1 Page - Lapp.

  36360 Datasheet HTML 1Page - Lapp. 36360 Datasheet HTML 2Page - Lapp. 36360 Datasheet HTML 3Page - Lapp. 36360 Datasheet HTML 4Page - Lapp. 36360 Datasheet HTML 5Page - Lapp. 36360 Datasheet HTML 6Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
407
800-774-3539 • www.lappusa.com • www.lappcanada.com • www.lappmexico.com
EPIC® Circular Connectors
CIRCON LS1 Series
The EPIC® LS1 connectors have many inherent features which offer application
advantages and provide significant benefits. These features make it one on the most
application friendly connectors available, and insure quick and easy assembly, high
reliability, and long, uninterrupted service life in tough industrial environments.
Key features include:
• Rugged nickel-plated, die-cast zinc body
• Positive vibration protection for use with motor drives and moving assemblies
• Integral EMC cable gland provides strain-relief, IP67/68 protection, and 360°
shielding
• Identification marking field and optional color marking clips can be used to
provide positive identification and visual differentiation in multiple connector
installations.
Equipment Description
EPIC® LS1 Connectors are available in five housing arrangements and two contact configurations. Common to all
arrangements are a rugged nickel plated zinc body, plastic contact insulation body and sleeve, and gold plated electrical
contacts (included with the connector part number). Cable mounted arrangements also include an integral EMC shield
ring and cable clamp and seal. The figure to the right shows the general construction of these connectors.
These connectors are offered with a 5+PE contact configuration for power distribution (5 contacts plus ground rated at
630 volts and 22 amps), and a 3+PE+4 contact configuration for mixed power and signal requirements for servo motor
with brake and feedback applications (3 contacts plus ground rated 630 volts and 22 amps and 4 contacts rated 250
volts and 7 amps). Used in combination, they connect one flexible cable with another (cable coupler) or one flexible
cable to fixed wiring on a machine (appliance coupler).
TECHNICAL DATA
# of Contacts:
5+PE, 3+PE+4
Rated Voltage:
VDE:
630V (2mm contacts)
250V (1mm contacts)
UL:
600V
Rated Current:
22 amps (2mm contacts)
7 amps (1mm contacts)
Impulse Voltage:
6kV (2mm contacts)
4kV (1mm contacts)
Contact Resistance:
<5m Ohms
Mating Cycles:
500
Temperature Range:
-25°C to +125°C
Protection Class:
IP67/68 (10h/1m)
Wire Gauge (Crimp):
2 mm contacts:
0.5 to 2.5 mm2 (20-14 AWG)
1 mm contacts:
0.14 to 1.0 mm2 (24-18 AWG)
Cable Diameter:
7.5 to 15.5 mm
Materials:
Housing: Nickel Plated Zinc (Die Cast)
Insulation Body: PA, PBT, UL94 V-0
Contacts: Gold plated copper alloy
Gaskets & Seals: FPM
Standards:
DIN EN 61984
Approvals:


Numéro de pièce similaire - 36360

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
36360 ETC2-36360 Datasheet
226Kb / 1P
Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
logo
Lumberg
363602 LUMBERG-363602 Datasheet
172Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
363602 LUMBERG-363602 Datasheet
548Kb / 4P
RAST 5 connectors, pitch 5.0 mm
363603 LUMBERG-363603 Datasheet
172Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
363603 LUMBERG-363603 Datasheet
548Kb / 4P
RAST 5 connectors, pitch 5.0 mm
More results

Description similaire - 36360

FabricantNo de pièceFiches techniqueDescription
logo
Lapp.
10019000 LAPP-10019000 Datasheet
176Kb / 2P
EPIC® CODING PIN
29.08.2022
44423017 LAPP-44423017 Datasheet
74Kb / 1P
EPIC® FIXING SCREWS
17.09.2018
44423140 LAPP-44423140 Datasheet
216Kb / 2P
EPIC® POWER M12
31.08.2023
44423144 LAPP-44423144 Datasheet
205Kb / 2P
EPIC® POWER M12
31.08.2023
44423232 LAPP-44423232 Datasheet
86Kb / 1P
EPIC® MH 0
17.09.2018
44429300 LAPP-44429300 Datasheet
137Kb / 2P
EPIC® LS1.5 F6
17.09.2018
44429306 LAPP-44429306 Datasheet
160Kb / 2P
EPIC® LS1.5 A3
17.09.2018
44429310 LAPP-44429310 Datasheet
139Kb / 2P
EPIC® LS1.5 D6
17.09.2018
44429316 LAPP-44429316 Datasheet
136Kb / 2P
EPIC® LS1.5 A6
17.09.2018
22260127 LAPP-22260127 Datasheet
425Kb / 4P
EPIC® SENSOR M12
13.01.2016
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com