Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

36360 Fiches technique(PDF) 2 Page - Lapp.

No de pièce 36360
Description  EPIC® Circular Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LAPP [Lapp.]
Site Internet  https://e.lapp.com/us/
Logo LAPP - Lapp.

36360 Fiches technique(HTML) 2 Page - Lapp.

  36360 Datasheet HTML 1Page - Lapp. 36360 Datasheet HTML 2Page - Lapp. 36360 Datasheet HTML 3Page - Lapp. 36360 Datasheet HTML 4Page - Lapp. 36360 Datasheet HTML 5Page - Lapp. 36360 Datasheet HTML 6Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
408
800-774-3539 • www.lappusa.com • www.lappcanada.com • www.lappmexico.com
STRAIGHT PANEL MOUNT INLET WITH MALE CONTACTS (STYLE A1)
5+PE
3+PE+4
Part #
74033001
74033000
74033101
74033100
Description
0.14 - 1.0 mm2
0.14 - 1.0 mm2
0.50 - 2.5 mm2
0.50 - 2.5 mm2
Pack Size
10
100
10
100
Male Contacts (Spare Parts)
5+PE
3+PE+4
Male Insert
Female Insert
Male Insert
Female Insert
Wire
Gauge
2mm Contacts
AWG 14
AWG 18
AWG 20
AWG 22
1mm Contacts
AWG 18
up to AWG 26
Max. Current (A)
According to UL
5+PE
3+PE+4
22
22
13
13
9
9
55
-
7
-1
View from contact side
View from contact side
Derating Curve
EPIC® Circular Connectors
CIRCON LS1 Series
Part
Number
76003000
Part
Number
76004000



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com