Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMPLUS-CD Fiches technique(PDF) 10 Page - PANDUIT CORP.

No de pièce EMPLUS-CD
Description  PXE™ SERIES Mobile Printer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANDUIT [PANDUIT CORP.]
Site Internet  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

EMPLUS-CD Fiches technique(HTML) 10 Page - PANDUIT CORP.

Back Button EMPLUS-CD Datasheet HTML 4Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 5Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 6Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 7Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 8Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 9Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 10Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 11Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 12Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Product Bulletin
Representative offering only, visit
www.panduit.com for complete listing of products.
Ordering Information
Continuous Tape Cassettes
• Fast-loading Label Cassette includes both label material and ribbon to make changing labels easy
• Print custom pipe markers, voltage markers, signs, bin markers, and network ID labels on demand
• For flat label applications only
Vinyl Material (VXM & VPM)
Polyester Material
(BPM, BQM, BSM, BUM, BWM, BXM, BYM, YKM)
Magnetic Material (MPM & MXM)
-40°F to 194°F (-40°C to 90°C)
-40°F to 257°F (-40°C to 125°C)
14°F to 104°F (-10°C to 40°C)
MP300
PXE™ Series Mobile Printer
Part Number
Part Description
Printer Compatibility
Ribbon &
Material Color
Width
Length
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
MP75 MP100 MP200 MP300
In.
mm
Ft.
m
T024X000BPM-BK
MP Cassette, Continuous Tape, Polyester, 0.24" W x 30' L, Black on White
Y
Y
Y
Y
Black on White
0.229
5.8
30
9.1
1
5
T038X000VPM-BK
MP Cassette, Continuous Tape, Vinyl, 0.38" W x 23' L, Black on White.
Black on White
0.354
9.0
23
7.0
T038X000BPM-BK
MP Cassette, Continuous Tape, Polyester, 0.38" W x 30' L, Black on White
Black on White
30
9.1
T038X000VXM-BK
MP Cassette, Continuous Tape, Vinyl, 0.38" W x 23' L, Black on Yellow.
Black on Yellow
23
7.0
T038X000BXM-BK
MP Cassette, Continuous Tape, Polyester, 0.38" W x 30' L, Black on Yellow.
Black on Yellow
30
9.1
T038X000YKM-BK
MP Cassette, Continuous Tape, Polyester, 0.38" W x 30' L, Black on Clear.
Black on Clear
T038X000BYM-WH MP Cassette, Continuous Tape, Polyester, 0.38" W x 30' L, White on Black.
White on Black
T050X000VPM-BK
MP Cassette, Continuous Tape, Vinyl, 0.50" W x 23' L, Black on White.
Black on White
0.472
12.0
23
7.0
T050X000BPM-BK
MP Cassette, Continuous Tape, Polyester, 0.50" W x 30' L, Black on White.
Black on White
30
9.1
T050X000VXM-BK
MP Cassette, Continuous Tape, Vinyl, 0.50" W x 23' L, Black on Yellow.
Black on Yellow
23
7.0
T050X000BXM-BK
MP Cassette, Continuous Tape, Polyester, 0.50" W x 30' L, Black on Yellow.
Black on Yellow
30
9.1
T050X000YKM-BK
MP Cassette, Continuous Tape, Polyester, 0.50" W x 30' L, Black on Clear.
Black on Clear
T050X000BYM-WH MP Cassette, Continuous Tape, Polyester, 0.50" W x 30' L, White on Black.
White on Black
T075X000VPM-BK
MP Cassette, Continuous Tape, Vinyl, 0.75" W x 23' L, Black on White.
Black on White
0.710
18.0
23
7.0
T075X000BPM-BK
MP Cassette, Continuous Tape, Polyester, 0.75" W x 30' L, Black on White."
Black on White
30
9.1
T075X000VXM-BK
MP Cassette, Continuous Tape, Vinyl, 0.75" W x 23' L, Black on Yellow.
Black on Yellow
23
7.0
T075X000BXM-BK
MP Cassette, Continuous Tape, Polyester, 0.75" W x 30' L, Black on Yellow.
Black on Yellow
30
9.1
T075X000YKM-BK
MP Cassette, Continuous Tape, Polyester, 0.75" W x 30' L, Black on Clear.
Black on Clear
T075X000BYM-WH MP Cassette, Continuous Tape, Polyester, 0.75" W x 30' L, White on Black.
White on Black
T100X000MPM-BK
MP Cassette, Continuous Tape, Magnetic, 1.00" W x 4.9' L, Black on White.
N
Black on White
0.945
24.0
4.9
1.5
T100X000MXM-BK
MP Cassette, Continuous Tape, Magnetic, 1.00" W x 4.9' L, Black on Yellow.
Black on Yellow
T100X000VPM-BK
MP Cassette, Continuous Tape, Vinyl, 1.00" W x 23' L, Black on White.
Black on White
23
7.0
T100X000BPM-BK
MP Cassette, Continuous Tape, Polyester, 1.00" W x 30' L, Black on White.
Black on White
30
9.1
T100X000VXM-BK
MP Cassette, Continuous Tape, Vinyl, 1.00" W x 23' L, Black on Yellow.
Black on Yellow
23
7.0
T100X000BXM-BK
MP Cassette, Continuous Tape, Polyester, 1.00" W x 30' L, Black on Yellow.
Black on Yellow
30
9.1
T100X000YKM-BK
MP Cassette, Continuous Tape, Polyester, 1.00" W x 30' L, Black on Clear.
Black on Clear
T100X000BQM-WH MP Cassette, Continuous Tape, Polyester, 1.00" W x 30' L, White on Blue.
White on Blue
T100X000BSM-WH MP Cassette, Continuous Tape, Polyester, 1.00" W x 30' L, White on Green.
White on Green
T100X000BUM-BK
MP Cassette, Continuous Tape, Polyester, 1.00" W x 30' L, Black on Orange.
Black on Orange
T100X000BWM-WH MP Cassette, Continuous Tape, Polyester, 1.00" W x 30' L, White on Red.
White on Red
T100X000BYM-WH
MP Cassette, Continuous Tape, Polyester, 1.00" W x 30' L, White on Black.
White on Black



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com