Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMPLUS-CD Fiches technique(PDF) 9 Page - PANDUIT CORP.

No de pièce EMPLUS-CD
Description  PXE™ SERIES Mobile Printer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANDUIT [PANDUIT CORP.]
Site Internet  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

EMPLUS-CD Fiches technique(HTML) 9 Page - PANDUIT CORP.

Back Button EMPLUS-CD Datasheet HTML 4Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 5Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 6Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 7Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 8Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 9Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 10Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 11Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 12Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Product Bulletin
Ordering Information
Continuous Terminal Block Label Cassettes
• Fast-loading Label Cassette includes both label material and ribbon to make
changing labels easy
• Print terminal block labels ranging in size from 0.24 inches to 0.38 inches
Polyolefin
(FJM)
-40°F to 180°F
(-40°C to 82°C)
Representative offering only, visit
www.panduit.com for complete listing of products.
Representative offering only, visit
www.panduit.com for complete listing of products.
MP300
PXE™ Series Mobile Printer
Non-Adhesive Polyester Component Labels
• Fast-loading Label Cassette includes both label material and ribbon to make
changing labels easy
• Die-cut labels designed to provide maximum aesthetic quality and appearance
• Use for identifying patch panel, faceplates, punchdown blocks, and other network
system hardware
Non-Adhesive Polyester
(Y1)
-10°F to 311°F
(-23°C to 155°C)
Part Number
Description
Labels
per
Cassette
Printer Compatibility
Color
Width
Height
Application
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
MP75 MP100 MP200 MP300
In.
mm
In.
mm
C195X040Y1M
MP Cassette, Comp Label, Non-
Adhesive Polyester, 1.95" W x .40" H,
White
125
N
N
N
Y
White
1.95 49.5
0.4
10.2
Single-gang
faceplate
1
5
C261X035Y1M
MP Cassette, Comp Label, Non-
Adhesive Polyester, 2.61" W x .35" H,
White
100
2.61 66.3 0.35
8.9
4-port
Part Number
Description
Printer Compatibility
Print-On
Area
Color
Height
Length
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
MP75 MP100 MP200 MP300
In.
mm
Ft.
m
T024X000FJM-BK MP Cassette, Continuous Tape, Polyolefin,
0.24" W x 23' L, Black on White
Y
Y
Y
Y
Black on
White
0.229
5.82
23
7
1
5
T038X000FJM-BK MP Cassette, Continuous Tape, Polyolefin,
0.38" W x 23' L, Black on White
0.347
8.82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com