Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMPLUS-CD Fiches technique(PDF) 4 Page - PANDUIT CORP.

No de pièce EMPLUS-CD
Description  PXE™ SERIES Mobile Printer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANDUIT [PANDUIT CORP.]
Site Internet  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

EMPLUS-CD Fiches technique(HTML) 4 Page - PANDUIT CORP.

  EMPLUS-CD Datasheet HTML 1Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 2Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 3Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 4Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 5Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 6Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 7Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 8Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Product Bulletin
Ordering Information
Part Number
Description
Quantity
of Labels
Per
Cassette
Printer
Compatibility
Print-
on
Area
Color
Width
Length
Print-on
Area Height
Min.
Cable O.D.
Max.
Cable O.D.
Wire/Cable Size
Range
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
MP
75
MP
100
MP
200
MP
300
In. mm Ft.
m
In.
mm
In.
mm
In.
mm
S050X075VAM
MP Cassette, Self-
Laminating Label, Vinyl,
.50" W x .75" H, .25" Print
On Area, Clear/White.
425
N
N
N
Y
Black
on
White
0.5 12.7
0.75 19.1 0.25 6.4 0.08 2.0 0.16 4.0
Cat. 6 28 AWG/
18 – 14 AWG
1
5
S050X125VAM
MP Cassette, Self-
Laminating Label, Vinyl,
.50" W x 1.25" H, .38" Print
On Area, Clear/White.
200
1.25 31.8 0.38 9.7 0.12 3.1 0.28 7.0
Cat. 3 UTP/
12 - 10 AWG
S050X150VAM
MP Cassette, Self-
Laminating Label, Vinyl,
.50" W x 1.50" H, .50" Print
On Area, Clear/White.
175
1.5 38.1 0.50 12.7 0.16 4.0 0.32 8.1
Cat. 5e UTP/Cat.
6 UTP/Cat. 6A
UTP/Cat. 5e FTP/
10 – 6 AWG
S100X075VAM
MP Cassette, Self-
Laminating Label, Vinyl,
1.0" W x .75" H, .25" Print
On Area, Clear/White.
300
1.0 25.4
0.75 19.1 0.25 6.4 0.08 2.0 0.16 4.0
Cat. 6 28 AWG/
18 – 14 AWG
S100X125VAM
MP Cassette, Self-
Laminating Label, Vinyl,
1.0" W x 1.25" H, .38" Print
On Area, Clear/White.
200
1.25 31.8 0.38 9.7 0.12 3.1 0.28 7.0
Cat. 3 UTP/
12 - 10 AWG
S100X150VAM
MP Cassette, Self-
Laminating Label, Vinyl,
1.0" W x 1.50" H, .50" Print
On Area, Clear/White.
175
1.5 38.1 0.50 12.7 0.16 4.0 0.32 8.1
Cat. 5e UTP/Cat.
6 UTP/Cat. 6A
UTP/Cat. 5e FTP/
10 – 6 AWG
S100X225VAM
MP Cassette, Self-
Laminating Label, Vinyl,
1.0" W x 2.25" H, .75" Print
On Area, Clear/White.
125
2.25 57.2 0.75 19.1 0.24 6.1 0.48 12.2
Cat. 6 FTP/Cat.
6A UTP/Cat. 6A
FTP/8 – 4 AWG
S100X400VAM
MP Cassette, Self-
Laminating Label, Vinyl,
1.0" W x 4.0" H, 1.0" Print
On Area, Clear/White.
70
4.0 101.6 1.0 25.4 0.32 8.1 0.95 24.3
2 - 1 AWG
S100X650VAM
MP Cassette, Self-
Laminating Label, Vinyl,
1.0" W x 6.50" H, 1.5" Print
On Area, Clear/White.
45
6.5 165.1 1.5 38.1 0.48 12.2 1.59 40.4
1/0-250 MCM
Representative offering only, visit
www.panduit.com for complete listing of products.
LabelCore™ Fiber Optic Cable Identification System
• Provides a larger labeling surface on small fiber cables and allows legends to be clearly seen
• Sleeves are made of flexible PVC material
• Locate sleeve on straight section of cable at least 2 inches from fiber boot
Part Number
Color
Description
Std. Pkg.
Qty.
NWSLC-2Y
Yellow
Yellow cable identification sleeve for 2mm simplex fiber cable, 1" long, use with labels: S100X150YAJ (Laser/
Inkjet); S100X150VAM (MP300 Hand-held Printer); S100X150VA1Y or S100X150VATY (Thermal Transfer Printer).
100
NWSLC-2Y-AQ
Aqua
Aqua cable identification sleeve for 2mm simplex cable, 1" long, use with labels: S100X150YAJ (Laser/Inkjet);
S100X150VAM (MP300 Hand-held Printer); S100X150VA1Y or S100X150VATY (Thermal Transfer Printer).
NWSLC-3Y
Orange
Orange cable identification sleeve for 3mm simplex cable, 1" long, use with labels: S100X150YAJ (Laser/Inkjet);
S100X150VAM (MP300 Hand-held Printer); S100X150VA1Y or S100X150VATY (Thermal Transfer Printer).
NWSLC-7Y
White
White cable identification sleeve for 3mm duplex fiber cable, 1" long, use with labels: S100X225YAJ (Laser/Inkjet);
S100X225VAM (MP300 Hand-held Printer); S100X225VATY or S200X225VATY (Thermal Transfer Printer).
MP300
PXE™ Series Mobile Printer
Die-Cut Self Laminating Label Cassettes
• Fast-loading Label Cassette includes both label material and ribbon to make changing labels easy
• Self-laminating adhesive labels for wire/cable identification include a white print-on area and
clear overlaminate
Self-Laminating Vinyl
(VA)
-40°F to 150°F
(-40°C to 66°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com