Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMPLUS-CD Fiches technique(PDF) 5 Page - PANDUIT CORP.

No de pièce EMPLUS-CD
Description  PXE™ SERIES Mobile Printer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANDUIT [PANDUIT CORP.]
Site Internet  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

EMPLUS-CD Fiches technique(HTML) 5 Page - PANDUIT CORP.

  EMPLUS-CD Datasheet HTML 1Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 2Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 3Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 4Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 5Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 6Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 7Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 8Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Product Bulletin
Ordering Information
Continuous Self-Laminating Labels
• Fast-loading Label Cassette includes both label material and ribbon to make
changing labels easy
• Self-laminating adhesive labels for wire/cable identification include a white
print-on area and clear over-laminate
Self-Laminating Vinyl
(VA)
-40°F to 150°F
(-40°C to 66°C)
Part Number
Description
Printer Compatibility
Print-On
Area
Color
Width
Length
Print-On
Area Width
Min. Cable
O.D.
Max. Cable
O.D.
Wire/
Cable
Size
Range
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
MP75 MP100 MP200 MP300
In.
mm
Ft.
m
In.
mm
In.
mm
In.
mm
S000X100VAM
MP Cassette,
Continuous
Self-Lam Tape,
Vinyl, 1.0" W x
26' L, White
N
Y
Y
Y
White
0.945
24
26.2
8.0 0.315
8
0.10
2.5
0.20
5.1
12 – 10
AWG
1
5
S000X150VAM
MP Cassette,
Continuous
Self-Lam Tape,
Vinyl, 1.5" W x
26' L, White
N
N
N
Y
White
1.417
36
26.2
8.0 0.512 13.0 0.16
4.0
0.32
8.1
Cat. 5e/
Cat. 6
1
5
Representative offering only, visit
www.panduit.com for complete listing of products.
Representative offering only, visit
www.panduit.com for complete listing of products.
MP300
PXE™ Series Mobile Printer
Turn-Tell® Label Cassettes
• Fast-loading Label Cassette includes both label material and ribbon to make
changing labels easy
• Innovative label design allows labels to rotate for visibility from any angle,
and for repositioning on the wire/cable to align legends and improve aesthetics
• Labels can be easily installed on existing terminated wires and assemblies
without disconnecting the wires/cables
Polymer Film
(V1)
-40°F to 200°F
(-40°C to 93°C)
Part Number
Description
Labels
per
Cassette
Printer Compatibility
Print-
On
Area
Color
Width
Length
Min.
Cable
O.D
Max.
Cable
O.D.
Wire/Cable Size
Range
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
MP75 MP100 MP200 MP300
In. mm
In.
mm
In.
mm
In.
mm
R100X075V1M
MP Cassette, Turn-
Tell Self-Lam Label,
Vinyl, 1.0" W x .75"
H, .25" Print On Area,
Clear/White
175
N
N
N
Y
Black
on
White
1.0 25.4
0.75 19.1 0.12
3.1
0.16
4.1
Cat. 6 28 AWG/
18 – 14 AWG
1
5
R100X125V1M
MP Cassette, Turn-
Tell Self-Lam Label,
Vinyl, 1.0" W x 1.25"
H, .38" Print On Area,
Clear/White
125
1.25 31.8 0.16
4.1
0.22
5.6
Cat. 3 UTP/12
– 10 AWG
R100X150V1M
MP Cassette, Turn-
Tell Self-Lam Label,
Vinyl, 1.0" W x 1.50"
H, .50" Print On Area,
Clear/White
100
1.5
38.1 0.22
5.6
0.28
7.1
Cat. 5e UTP/
Cat. 6 UTP/
Cat. 6A UTP/
R100X225V1M
MP Cassette, Turn-
Tell Self-Lam Label,
Vinyl, 1.0" W x 2.25"
H, .75" Print On Area,
Clear/White
75
2.25 57.2 0.28
7.1
0.39
9.9
Cat. 6 FTP/Cat.
6 UTP/Cat. 6A
FTP/8-4 AWG
PATENTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com