Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMPLUS-CD Fiches technique(PDF) 3 Page - PANDUIT CORP.

No de pièce EMPLUS-CD
Description  PXE™ SERIES Mobile Printer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANDUIT [PANDUIT CORP.]
Site Internet  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

EMPLUS-CD Fiches technique(HTML) 3 Page - PANDUIT CORP.

  EMPLUS-CD Datasheet HTML 1Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 2Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 3Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 4Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 5Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 6Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 7Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 8Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Product Bulletin
Highlights
Ordering Information
Continuous Tapes
Self-Laminating Labels
Flag Labels
Patch Panel / Face Plate Labels
Mixed Length Labels
Part Number
Description
EMPLUS-CD
Easy-Mark Plus™ Labeling Software, CD-ROM.
EMPLUS-DL
Easy-Mark Plus™ Labeling Software, online download.
EMPLUS-2GO
Easy-Mark Plus™ Portable Application, USB flash drive.
EMPLUS-SERVER
Easy-Mark Plus™ Labeling Software, networkable server based version.
Printers and Accessories
EMPLUS
MP300
MP300-CASE
MP300-ACS
High printing speed
Half cut function
Front loading cassette
Less margin waste
Label retention
after cutting
Magnetic attachment
MP300
PXE™ Series Mobile Printer
Part Number
Description
MP300
Includes MP300 printer, one (1) cassette of S100X150VAM self-laminating labels, rechargeable Li-Ion battery pack, hard
carrying case, AC power adapter, USB cable, magnetic attachments and quick reference card.
MP300/E
Includes MP300 printer, one (1) cassette of S100X150VAM self-laminating labels, rechargeable Li-Ion battery pack, hard
carrying case, power adapter (MP300-AC), USB cable and magnetic attachments. For use outside of North America.
MP300-ACS
Replacement 120-240 VAC universal power adapter module with power cord for North America for MP300 printer
MP-BATT
The MP-BATT Li-Ion Rechargeable Replacement Battery Pack is designed for use with the MP200 and MP300 mobile
printers. The battery pack is RoHS Compliant. The battery is gray and comes 1 per package.
MP-CASE
Replacement Hard Carrying Case designed for the MP200 and MP300 mobile printers. The case is RoHS
Compliant. The case is 15.57 inches L x 11.74 inches W (395.4 mm x 298.4 mm). It is black and comes 1 per package.
PTR-CLN
Printer cleaning kit — contains (1) cleaning pen, (8) cleaning solution soaked wipes, (8) foam swabs pre-saturated
with cleaning solution, MSDS, and cleaning instructions
Easy-Mark Plus Labeling Software is sold separately, not included with PXE Printers
Up to
1.4 in/sec
35.5mm/sec
.16 in
4mm
High printing speed
Half cut function
Front loading cassette
Less margin waste
Label retention after cutting Magnetic attachment
Continuous Tapes
Continuous Self-Laminating Labels
Patch Panel / Face Plate Labels
Mixed Length Labels
Flag Labels
Up to
1.4 in/sec
35.5mm/sec
.16 in
4mm
High printing speed
Half cut function
Front loading cassette
Less margin waste
Label retention after cutting Magnetic attachment
Continuous Tapes
Continuous Self-Laminating Labels
Patch Panel / Face Plate Labels
Mixed Length Labels
Flag Labels
Up to
1.4 in/sec
35.5mm/sec
.16 in
4mm
High printing speed
Half cut function
Front loading cassette
Less margin waste
Label retention after cutting Magnetic attachment
Continuous Tapes
Continuous Self-Laminating Labels
Patch Panel / Face Plate Labels
Mixed Length Labels
Flag Labels
Up to
1.4 in/sec
35.5mm/sec
.16 in
4mm
High printing speed
Half cut function
Front loading cassette
Less margin waste
Label retention after cutting Magnetic attachment
Continuous Tapes
Continuous Self-Laminating Labels
Patch Panel / Face Plate Labels
Mixed Length Labels
Flag Labels
Up to
1.4 in/sec
35.5mm/sec
.16 in
4mm
High printing speed
Half cut function
Front loading cassette
Less margin waste
Label retention after cutting Magnetic attachment
Continuous Tapes
Continuous Self-Laminating Labels
Patch Panel / Face Plate Labels
Mixed Length Labels
Flag Labels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com