Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISO6041LDFPR Fiches technique(PDF) 13 Page - Texas Instruments

No de pièce ISO6041LDFPR
Description  ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6041LDFPR Fiches technique(HTML) 13 Page - Texas Instruments

Back Button ISO6041LDFPR Datasheet HTML 9Page - Texas Instruments ISO6041LDFPR Datasheet HTML 10Page - Texas Instruments ISO6041LDFPR Datasheet HTML 11Page - Texas Instruments ISO6041LDFPR Datasheet HTML 12Page - Texas Instruments ISO6041LDFPR Datasheet HTML 13Page - Texas Instruments ISO6041LDFPR Datasheet HTML 14Page - Texas Instruments ISO6041LDFPR Datasheet HTML 15Page - Texas Instruments ISO6041LDFPR Datasheet HTML 16Page - Texas Instruments ISO6041LDFPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
6.10 Supply Current Characteristics-5V Supply
VCC1 = VCC2 = 5V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
SUPPLY
CURRENT
MIN
TYP
MAX
UNIT
ISO6040d ISO60P40d ( d = H for default high and d = L for default low)
Supply current - DC signal
(2)
VI = VCC1 (1)(default high device, H); VI = 0V (default
low device, L)
ICC1
1.06
mA
ICC2
1.53
VI = 0V (default high device, H); VI = VCC1 (default low
device, L)
ICC1
1.06
ICC2
1.53
Supply current - AC signal
(3)
All channels switching with square
wave clock input; CL = 0pF
1Mbps
ICC1
1.06
ICC2
1.53
10Mbps
ICC1
2.10
ICC2
2.96
25Mbps
ICC1
3.66
ICC2
5.10
100Mbps
ICC1
11.46
ICC2
15.79
ISO6041d (d = H for default high and d = L for default low)
Supply current - DC signal
(2)
VI = VCC1 (1) (default high device, H); VI = 0V (default
low device, L)
ICC1
0.88
1.25
mA
ICC2
1
1.40
VI = 0V (default high device, H); VI = VCC1 (default low
device, L)
ICC1
0.89
1.25
ICC2
1
1.40
Supply current - AC signal
(3)
All channels switching with square
wave clock input; CL = 0pF
1Mbps
ICC1
0.93
1.25
ICC2
1
1.40
10Mbps
ICC1
1.6
2.00
ICC2
1.7
2.16
25Mbps
ICC1
2.6
3.25
ICC2
2.8
3.44
100Mbps
ICC1
7.8
9.40
ICC2
8.1
9.95
ISO6042d (d = H for default high and d = L for default low)
Supply current - DC signal
(2)
VI = VCC1 (1) (default high device, H); VI = 0V (default
low device, L)
ICC1
1.22
mA
ICC2
1.20
VI = 0V (default high device, H); VI = VCC1 ((default low
device, L)
ICC1
1.22
ICC2
1.20
Supply current - AC signal
(3)
All channels switching with square
wave clock input; CL = 0pF
1Mbps
ICC1
1.22
ICC2
1.20
10Mbps
ICC1
2.45
ICC2
2.43
25Mbps
ICC1
4.30
ICC2
4.28
100Mbps
ICC1
13.55
ICC2
13.53
(1)
VCCI = Input-side VCC
(2)
Supply current valid for ENx = VCCx
(3)
Supply current valid for ENx = VCCx
www.ti.com
ISO6040, ISO6041, ISO6042
SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ISO6040 ISO6041 ISO6042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com