Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISO6041LDFPR Fiches technique(PDF) 36 Page - Texas Instruments

No de pièce ISO6041LDFPR
Description  ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6041LDFPR Fiches technique(HTML) 36 Page - Texas Instruments

Back Button ISO6041LDFPR Datasheet HTML 32Page - Texas Instruments ISO6041LDFPR Datasheet HTML 33Page - Texas Instruments ISO6041LDFPR Datasheet HTML 34Page - Texas Instruments ISO6041LDFPR Datasheet HTML 35Page - Texas Instruments ISO6041LDFPR Datasheet HTML 36Page - Texas Instruments ISO6041LDFPR Datasheet HTML 37Page - Texas Instruments ISO6041LDFPR Datasheet HTML 38Page - Texas Instruments ISO6041LDFPR Datasheet HTML 39Page - Texas Instruments ISO6041LDFPR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
9.2.3 Application Curve
The following typical eye diagrams of the ISO604x family of devices indicates low jitter and wide open eye at the
maximum data rate of 200Mbps.
Horizontal 1ns / division, Vertical 1V / division.
Figure 9-4. ISO604x Eye Diagram at 200Mbps
PRBS 216 – 1, 5V and 25°C
Horizontal 1ns / division, Vertical 500mV / division.
Figure 9-5. ISO604x Eye Diagram at 200Mbps
PRBS 216 – 1, 3.3V and 25°C
ISO6040, ISO6041, ISO6042
SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026
www.ti.com
36
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISO6040 ISO6041 ISO6042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com