Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISO6041LDFPR Fiches technique(PDF) 52 Page - Texas Instruments

No de pièce ISO6041LDFPR
Description  ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6041LDFPR Fiches technique(HTML) 52 Page - Texas Instruments

Back Button ISO6041LDFPR Datasheet HTML 48Page - Texas Instruments ISO6041LDFPR Datasheet HTML 49Page - Texas Instruments ISO6041LDFPR Datasheet HTML 50Page - Texas Instruments ISO6041LDFPR Datasheet HTML 51Page - Texas Instruments ISO6041LDFPR Datasheet HTML 52Page - Texas Instruments ISO6041LDFPR Datasheet HTML 53Page - Texas Instruments ISO6041LDFPR Datasheet HTML 54Page - Texas Instruments ISO6041LDFPR Datasheet HTML 55Page - Texas Instruments ISO6041LDFPR Datasheet HTML 56Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
15-Sep-2026
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
ISO6041LDWR
Active
Production
SOIC (DW) | 16
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
ISO6041L
XISO6040HDBQR
Active
Preproduction
SSOP (DBQ) | 16
2000 | LARGE T&R
-
Call TI
Call TI
-40 to 125
XISO6040HDFPR
Active
Preproduction
SSOP (DFP) | 16
2000 | LARGE T&R
-
Call TI
Call TI
-40 to 125
XISO6040LDFPR
Active
Preproduction
SSOP (DFP) | 16
2000 | LARGE T&R
-
Call TI
Call TI
-40 to 125
XISO6040LDWR
Active
Preproduction
SOIC (DW) | 16
2000 | LARGE T&R
-
Call TI
Call TI
-
XISO6041HDBQR
Active
Preproduction
SSOP (DBQ) | 16
2000 | LARGE T&R
-
Call TI
Call TI
-40 to 125
XISO6041HDFPR
Active
Preproduction
SSOP (DFP) | 16
2000 | LARGE T&R
-
Call TI
Call TI
-40 to 125
XISO6041HDWR
Active
Preproduction
SOIC (DW) | 16
2000 | LARGE T&R
-
Call TI
Call TI
-40 to 125
XISO6041LDBQR
Active
Preproduction
SSOP (DBQ) | 16
2000 | LARGE T&R
-
Call TI
Call TI
-40 to 125
XISO6041LDFPR
Active
Preproduction
SSOP (DFP) | 16
2000 | LARGE T&R
-
Call TI
Call TI
-40 to 125
XISO6042HDBQR
Active
Preproduction
SSOP (DBQ) | 16
2000 | LARGE T&R
-
Call TI
Call TI
-40 to 125
XISO6042HDFPR
Active
Preproduction
SSOP (DFP) | 16
2000 | LARGE T&R
-
Call TI
Call TI
-40 to 125
XISO6042HDWR
Active
Preproduction
SOIC (DW) | 16
2000 | LARGE T&R
-
Call TI
Call TI
-
XISO6042LDBQR
Active
Preproduction
SSOP (DBQ) | 16
2000 | LARGE T&R
-
Call TI
Call TI
-40 to 125
XISO6042LDFPR
Active
Preproduction
SSOP (DFP) | 16
2000 | LARGE T&R
-
Call TI
Call TI
-40 to 125
XISO6042LDWR
Active
Preproduction
SOIC (DW) | 16
2000 | LARGE T&R
-
Call TI
Call TI
-
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com