Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISO6041LDFPR Fiches technique(PDF) 33 Page - Texas Instruments

No de pièce ISO6041LDFPR
Description  ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6041LDFPR Fiches technique(HTML) 33 Page - Texas Instruments

Back Button ISO6041LDFPR Datasheet HTML 29Page - Texas Instruments ISO6041LDFPR Datasheet HTML 30Page - Texas Instruments ISO6041LDFPR Datasheet HTML 31Page - Texas Instruments ISO6041LDFPR Datasheet HTML 32Page - Texas Instruments ISO6041LDFPR Datasheet HTML 33Page - Texas Instruments ISO6041LDFPR Datasheet HTML 34Page - Texas Instruments ISO6041LDFPR Datasheet HTML 35Page - Texas Instruments ISO6041LDFPR Datasheet HTML 36Page - Texas Instruments ISO6041LDFPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
The ISO604x devices are high-performance, low power, quad-channel digital isolators. These devices come
with enable pins on each side which can be used to put the respective outputs in high impedance for parallel
(multiple) driver applications. The ISO604x devices use single-ended CMOS-logic switching technology.
The supply voltage range is from 1.71V to 5.5V for both supplies, VCC1 and VCC2. Since an isolation barrier
separates the two sides, each side can be sourced independently with any voltage within the Recommended
Operating Conditions section. As an example, supplying ISO604x VCC1 with 3.3V (which is within 1.71V to 5.5V)
and VCC2 with 5V (which is also within 1.71V to 5.5V) is possible. You can use the digital isolator as a logic-level
translator in addition to providing isolation. When designing with digital isolators, keep in mind that because of
the single-ended design structure, digital isolators do not conform to any specific interface standard and are only
intended for isolating single-ended CMOS or TTL digital signal lines. The isolator is typically placed between the
data controller (that is, MCU or FPGA), and a data converter or a line transceiver, regardless of the interface
type or standard.
9.2 Typical Application
Figure 9-1 shows an isolated serial peripheral interface (SPI) for analog input with minimal SPI connections and
Figure 9-2 shows the same ADC with all digital IOs and SPI isolated.
Sitara
C2000
TM4Cxx
Microcontroller
VSS
VDDIO
GND
AINP
CS
SCLK
SDI
SDO/DRDY
AINN
Analog
Input
VCC1
VCC2
GND1
INA
OUTD
INB
OUTA
OUTB
INC
EN1
ISO6041
OUTC
IND
EN2
SPI_SDI
SPI_SDO
SPI_CLK
SPI_nCS
GND2
VCore
ISO Barrier
ADS127L21
ADS127L18
ADS127L11
Figure 9-1. Isolated SPI for an Analog Input, Minimal SPI Connections to ADC
www.ti.com
ISO6040, ISO6041, ISO6042
SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: ISO6040 ISO6041 ISO6042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com