Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISO6041LDFPR Fiches technique(PDF) 17 Page - Texas Instruments

No de pièce ISO6041LDFPR
Description  ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6041LDFPR Fiches technique(HTML) 17 Page - Texas Instruments

Back Button ISO6041LDFPR Datasheet HTML 13Page - Texas Instruments ISO6041LDFPR Datasheet HTML 14Page - Texas Instruments ISO6041LDFPR Datasheet HTML 15Page - Texas Instruments ISO6041LDFPR Datasheet HTML 16Page - Texas Instruments ISO6041LDFPR Datasheet HTML 17Page - Texas Instruments ISO6041LDFPR Datasheet HTML 18Page - Texas Instruments ISO6041LDFPR Datasheet HTML 19Page - Texas Instruments ISO6041LDFPR Datasheet HTML 20Page - Texas Instruments ISO6041LDFPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
6.14 Supply Current Characteristics-2.5V Supply
VCC1 = VCC2 = 2.5V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
SUPPLY
CURRENT
MIN
TYP
MAX
UNIT
ISO6040d (d = H for default high and d = L for default low)
Supply current - DC signal
(2)
VI = VCC1 (1)(default high device, H); VI = 0V (default
low device, L)
ICC1
0.98
mA
ICC2
1.45
VI = 0V (default high device, H); VI = VCC1 (default low
device, L)
ICC1
0.98
ICC2
1.45
Supply current - AC signal
(3)
All channels switching with square
wave clock input; CL = 0pF
1Mbps
ICC1
0.98
ICC2
1.45
10Mbps
ICC1
1.86
ICC2
2.24
25Mbps
ICC1
3.18
ICC2
3.42
100Mbps
ICC1
9.77
ICC2
9.31
ISO6041d (d = H for default high and d = L for default low)
Supply current - DC signal
(2)
VI = VCC1 (1) (default high device, H); VI = 0V (default
low device, L)
ICC1
0.85
1.17
mA
ICC2
0.95
1.32
VI = 0V (default high device, H); VI = VCC1 (default low
device, L)
ICC1
0.85
1.17
ICC2
0.95
1.32
Supply current - AC signal
(3)
All channels switching with square
wave clock input; CL = 0pF
1Mbps
ICC1
0.88
1.17
ICC2
1
1.32
10Mbps
ICC1
1.4
1.75
ICC2
1.4
1.74
25Mbps
ICC1
2.2
2.74
ICC2
2
2.56
100Mbps
ICC1
6.4
7.76
ICC2
5.3
6.64
ISO6042d (d = H for default high and d = L for default low)
Supply current - DC signal
(2)
VI = VCC1 (1) (default high device, H); VI = 0V (default
low device, L)
ICC1
1.14
mA
ICC2
1.12
VI = 0V (default high device, H); VI = VCC1 ((default low
device, L)
ICC1
1.14
ICC2
1.12
Supply current - AC signal
(3)
All channels switching with square
wave clock input; CL = 0pF
1Mbps
ICC1
1.14
ICC2
1.12
10Mbps
ICC1
1.97
ICC2
1.95
25Mbps
ICC1
3.22
ICC2
3.20
100Mbps
ICC1
9.46
ICC2
9.45
(1)
VCCI = Input-side VCC
(2)
Supply current valid for ENx = VCCx
(3)
Supply current valid for ENx = VCCx
www.ti.com
ISO6040, ISO6041, ISO6042
SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: ISO6040 ISO6041 ISO6042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com