| Moteur de recherche de fiches techniques de composants électroniques |
|
CSG14K_CSG8K Fiches technique(PDF) 72 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CSG14K_CSG8K Fiches technique(HTML) 72 Page - ams-OSRAM AG |
|
72 / 114 page ![]() Document Feedback CSG14K_CSG8K Functional Description Datasheet • PUBLIC DS000571 • v2-01 • 2023-Feb-10 113 │ 71 In case of operation in IMG.3 (10-bit small window mode), the following sequence of SPI writes is required for correct sensor configuration. Figure 82: Additional Configuration Sequence in Case of IMG.3 # Register Bank Address Value 1 BLOCK_ID - 1 255 2 - 3 65 1 3 - 0 98 2 4 - 0 96 111 5 - 0 97 6 6 - 0 98 3 7 - 0 98 7 8 - 0 98 3 9 - 0 96 15 10 - 0 97 8 11 - 0 98 2 12 - 0 98 6 13 - 0 98 2 14 - 3 65 0 Set Frame Time and Exposure Time Refer to section 7.5.1. Set Data Processing Next table lists the required uploads per available OB clamping mode. Refer to section 7.7.1 for details. Figure 83: OB Bypass Registers Register Bank Address OBC.1 OBC.2 EOB_BYPASS 0 93 0 1 EOB_BYPASS_VALUE 0 94 N/A Value from Section 7.7.1 Refer to section 7.7. |