Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1163B Fiches technique(PDF) 18 Page - ams-OSRAM AG

No de pièce AS1163B
Description  Standalone intelligent driver with 2 RGB channels
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163B Fiches technique(HTML) 18 Page - ams-OSRAM AG

Back Button AS1163B Datasheet HTML 13Page - ams-OSRAM AG AS1163B Datasheet HTML 14Page - ams-OSRAM AG AS1163B Datasheet HTML 15Page - ams-OSRAM AG AS1163B Datasheet HTML 16Page - ams-OSRAM AG AS1163B Datasheet HTML 17Page - ams-OSRAM AG AS1163B Datasheet HTML 18Page - ams-OSRAM AG AS1163B Datasheet HTML 19Page - ams-OSRAM AG AS1163B Datasheet HTML 20Page - ams-OSRAM AG AS1163B Datasheet HTML 21Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
AS1163B
Package drawings & markings
Short Datasheet
• PUBLIC • Document Feedback
DS001125
• v1-00 • 2025-Jan-24
18 / 21
/
6
Package drawings & markings
Figure 9: AS1163B package outline drawing
Ref.
Min
Nom
Max
A
0.8
0.85
0.9
A1
0
0.035
0.05
A2
0.65
A3
0.203
b
0.2
0.25
0.3
D, E
3
e
0.5
J, K
1.7
1.8
1.9
L
0.3
0.35
0.4
L1
0.25
0.35
0.4
aaa,bbb
0.1
ccc
0.08
ddd,eee
0.1
(1) All dimensions are in millimeters. Angles in degrees.
(2) Dimensioning and tolerancing conform to ASME Y14.5M-1994.
(3) N is the total number of terminals.
(4) This package contains no lead (Pb).
(5) This drawing is subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21