Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1163B Fiches technique(PDF) 16 Page - ams-OSRAM AG

No de pièce AS1163B
Description  Standalone intelligent driver with 2 RGB channels
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163B Fiches technique(HTML) 16 Page - ams-OSRAM AG

Back Button AS1163B Datasheet HTML 12Page - ams-OSRAM AG AS1163B Datasheet HTML 13Page - ams-OSRAM AG AS1163B Datasheet HTML 14Page - ams-OSRAM AG AS1163B Datasheet HTML 15Page - ams-OSRAM AG AS1163B Datasheet HTML 16Page - ams-OSRAM AG AS1163B Datasheet HTML 17Page - ams-OSRAM AG AS1163B Datasheet HTML 18Page - ams-OSRAM AG AS1163B Datasheet HTML 19Page - ams-OSRAM AG AS1163B Datasheet HTML 20Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
AS1163B
Electrical characteristics
Short Datasheet
• PUBLIC • Document Feedback
DS001125
• v1-00 • 2025-Jan-24
16 / 21
/
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
LVDS_RTERM
LVDS termination
resistance
Included in the
IC
200
Ohm
LVDS_ITX
LVDS current
1.5
mA
(1) Channel to channel relative accuracy is calculated with the following formulas:
ILED_C2C_Mis(ch0_x) = ((I(ch0_x)
– average(I(ch0_RGB), I(ch1_RGB)) / average(I(ch0_RGB), I(ch1_RGB))*100
ILED_C2C_Mis(ch1_x) = ((I(ch1_x)
– average(I(ch0_RGB), I(ch1_RGB)) / average(I(ch0_RGB), I(ch1_RGB))*100
Where:
•
ILED_C2C_Mis(ch0_x) refers to a general driver x inside channel 0, for example: ch0_R refers to the R driver in
channel 0. Similarly, for ILED_C2C_Mis(ch1_x).
•
I(ch0_x) refers to the high current level of a particular driver in channel 0. Similarly, for I(ch1_x).
•
I(ch0_RGB) refers to the sum of the high current levels for the drivers belonging to channel 0. Similarly, for
I(ch1_RGB).
(2) In-channel relative accuracy is calculated with the following formula:
ILED_Mis(chx_y) = ((I(chx_y)
– average(I(chx_RGB))) / average(I(chx_RGB)))*100
Where:
•
ILED_Mis(chx_y) refers to a general driver y inside a general channel x, for example: ch0_R refers to the R driver
in channel 0.
•
I(chx_y) refers to the high current level of a general driver y in a general channel x.
•
I(chx_RGB) refers to the sum of the high current levels of all drivers belonging to a general channel x.
(3) LED drivers can be used as receiving path for: I²C bridge, Sync pin, parallel address setting by external HW.
(4) Relative accuracy. For absolute accuracy, calibration in applications is necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21