| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1163B Fiches technique(PDF) 5 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS1163B Fiches technique(HTML) 5 Page - ams-OSRAM AG |
|
5 / 21 page ![]() AS1163B General description Short Datasheet • PUBLIC • Document Feedback DS001125 • v1-00 • 2025-Jan-24 5 / 21 / 1.3 Use case overview In this section possible use cases of AS1163B are presented. Figure 1: Use case 1 Figure 1 shows daisy chain using LVDS as local bus and supporting OSIRE E3731i and I²C device interfacing. Figure 2: Use case 2 Figure 2 shows daisy chain using CAN bus and supporting OSIRE E3731i and I²C device interfacing. MCU mode having Manchester downstream and data & clock upstream will produce communication error flags at parallel devices that are not addressed, while MCU - SPI mode supports parallel communication, given its symmetry in downstream and upstream flows. |