Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1163B Fiches technique(PDF) 6 Page - ams-OSRAM AG

No de pièce AS1163B
Description  Standalone intelligent driver with 2 RGB channels
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163B Fiches technique(HTML) 6 Page - ams-OSRAM AG

Back Button AS1163B Datasheet HTML 2Page - ams-OSRAM AG AS1163B Datasheet HTML 3Page - ams-OSRAM AG AS1163B Datasheet HTML 4Page - ams-OSRAM AG AS1163B Datasheet HTML 5Page - ams-OSRAM AG AS1163B Datasheet HTML 6Page - ams-OSRAM AG AS1163B Datasheet HTML 7Page - ams-OSRAM AG AS1163B Datasheet HTML 8Page - ams-OSRAM AG AS1163B Datasheet HTML 9Page - ams-OSRAM AG AS1163B Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
AS1163B
General description
Short Datasheet
• PUBLIC • Document Feedback
DS001125
• v1-00 • 2025-Jan-24
6 / 21
/
Figure 3: Use case 3
Figure 3 shows parallel connection of Daisy Chains using local CAN bus, supporting OSIRE
RGBi and I²C device interfacing.
Parallel addressing (Figure 4) is fully supported with symmetrical communication modes, such
as SPI-mode, LVDS mode, CAN mode.
Figure 4: Use case 4
Figure 4 shows parallel connection of SAID2 devices with direct MCU connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21