Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPC177G2-AP Fiches technique(PDF) 1 Page - Renesas Technology Corp

No de pièce UPC177G2-AP
Description  Single Power Supply Quad Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC177G2-AP Fiches technique(HTML) 1 Page - Renesas Technology Corp

  UPC177G2-AP Datasheet HTML 1Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 2Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 3Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 4Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 5Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 6Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 7Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R03DS0139EJ0200 Rev.2.00
Page 1 of 7
Feb.4.25
Datasheet
UPC177G2, UPC339G2
Single Power Supply Quad Comparator
DESCRIPTION
UPC177, UPC339 comparators are designed for single power supply operation. The features include low-
voltage operation, common-mode input voltage range from V-(GND) level, open-collector output and low
current consumption. Furthermore, these products can operate with both power supplies and can be widely
used for various voltage comparison application.
Depending on the usage and operating ambient temperature range, the UPC177 is design for communication
industries and UPC339 is design for general purposes.
Along with this series of lineup, the dual type comparators, UPC277 and 393 with the same circuit configuration
are also available.
FEATURES
• Input Offset Voltage
±2 mV (TYP.)
• Input Bias Current
25 nA (TYP.)
• Voltage Gain
200000 (TYP.)
• Pulse Response Time
1.3 µs (TYP.)
• Output Sink Current
16 mA (TYP.)
• A wired OR is possible as the output is an open collector.
• Low Voltage Operation
V + - V - : 2 ~ 32 V
ORDERING INFORMATION
Order Name (1)
Selected Grade
Package
UPC177G2-AP
Standard
14-pin plastic SOP ( 5.72 mm ( 225 ))
UPC339G2-AP
Standard
14-pin plastic SOP ( 5.72 mm ( 225 ))
(1) Order names containing E1 or E2 indicate that the packaging format is embossed taping.
Pin 1 of E1 is on draw-out side, and pin 1 of E2 is at take-up side.


Numéro de pièce similaire - UPC177G2-AP

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
UPC177G2-A RENESAS-UPC177G2-A Datasheet
505Kb / 8P
Single Power Supply Quad Comparator
More results

Description similaire - UPC177G2-AP

FabricantNo de pièceFiches techniqueDescription
logo
New Japan Radio
NJM2901 NJRC-NJM2901 Datasheet
184Kb / 5P
SINGLE-SUPPLY QUAD COMPARATOR
logo
System Logic Semiconduc...
SL339 SLS-SL339 Datasheet
41Kb / 4P
Quad Single Supply Comparator
logo
List of Unclassifed Man...
IL339 ETC-IL339 Datasheet
132Kb / 4P
Quad Single Supply Comparator
logo
KODENSHI_AUK CORP.
KK339 KODENSHI-KK339 Datasheet
229Kb / 5P
Quad Single Supply Comparator
KK2901 KODENSHI-KK2901 Datasheet
253Kb / 5P
Quad Single Supply Comparator
logo
IK Semicon Co., Ltd
IL339 IKSEMICON-IL339 Datasheet
253Kb / 5P
Quad Single Supply Comparator
IL2901 IKSEMICON-IL2901 Datasheet
450Kb / 12P
Quad Single Supply Comparator
IL2901 IKSEMICON-IL2901_11 Datasheet
396Kb / 12P
Quad Single Supply Comparator
logo
Renesas Technology Corp
UPC177 RENESAS-UPC177 Datasheet
505Kb / 8P
Single Power Supply Quad Comparator
logo
New Japan Radio
NJM2901C NJRC-NJM2901C Datasheet
771Kb / 6P
SINGLE-SUPPLY QUAD COMPARATOR
ver.06
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com