Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPC177G2-AP Fiches technique(PDF) 3 Page - Renesas Technology Corp

No de pièce UPC177G2-AP
Description  Single Power Supply Quad Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC177G2-AP Fiches technique(HTML) 3 Page - Renesas Technology Corp

  UPC177G2-AP Datasheet HTML 1Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 2Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 3Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 4Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 5Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 6Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 7Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UPC177G2, UPC339G2
R03DS0139EJ0200 Rev.2.00
Page 3 of 7
Feb.4.25
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Power Supply Voltage (Dual Supply)
V ±
±1
±16
V
Power Supply Voltage (V - = GND)
V +
+2
+32
V
ELECTRICAL CHARACTERISTICS
UPC177G2, UPC339G2 (TA = 25 °C, V + = +5 V, V - = GND)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Test Condition
Input Offset Voltage
VIO
±2
±5
mV
VO = 1.4 V, VREF = 1.4 V, RS = 0 Ω
Input Offset Current
IIO
±5
±50
nA
VO ≒ 1.4 V
Input Bias Current Note 6
IB
25
250
nA
VO ≒ 1.4 V
Large Signal Voltage Gain
AV
200000
RL = 15 kΩ
Circuit Current Note 7
ICC
0.8
2
mA
RL = ∞, IO = 0 A
Common Mode Input
Voltage Range
VICM
0
V + -1.5
V
Output Saturation Voltage
VOL
0.2
0.4
V
VIN(-) = 1 V, VIN(+) = 0 V, IO SINK = 4 mA
Output Sink Current
IO SINK
6
16
mA
VIN(-) = 1 V, VIN(+) = 0 V, VO ≤ 1.5 V
Output Leakage Current
IO LEAK
0.1
nA
VIN(+) = 1 V, VIN(-) = 0 V, VO = 5 V
Pulse Response Time Note 8
1.3
μs
RL = 5.1 kΩ, VRL = 5 V
Note】6. The current flow direction of the input bias is out from the IC because the first stage of the IC composed of
PNP transistor. The current value is the value when the differential amplified circuit of the input stage is
balanced. When the comparator is active, twice the amount of current will flow to the pin with lower potential.
7. Current flowing through the internal circuit. This current flow regardless of the channel used.
8. Values when the input amplitude is 100 mV and the overdrive is 5 mV.Increasing the overdrive can shorten
the response time.
TYPICAL APPLICATION CIRCUIT EXAMPLE
Comparator with Hysteresis
OUTPUT
1, 2, 13, 14
3
12
RL
V +
VIN
VREF
4, 6, 8, 10
5, 7, 9, 11
+
-
VREF : V - ~ V + -1.5 [V]
OUTPUT
RL
V +
INPUT
VRL
VREF
+
-
R2
R1
• スレッシュホールド電圧
VTH (High) ≒ VREF +
R1
RL + R2 + R1 (VRL - VREF)
VTH (Low) ≒ VREF - R1
R1 + R2 (VREF - VOL)
(VRL > VREF > VOL)
Threshold Voltage



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com