Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPC177G2-AP Fiches technique(PDF) 6 Page - Renesas Technology Corp

No de pièce UPC177G2-AP
Description  Single Power Supply Quad Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC177G2-AP Fiches technique(HTML) 6 Page - Renesas Technology Corp

  UPC177G2-AP Datasheet HTML 1Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 2Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 3Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 4Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 5Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 6Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 7Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
UPC177G2, UPC339G2
R03DS0139EJ0200 Rev.2.00
Page 6 of 7
Feb.4.25
USE WITH PRECAUTIONS
Managing unused circuits
If there is an unused circuit, the following connection is recommended.
Example of unused circuit process
• Ratings of input/output pin voltage
When the voltage of input/output pin exceeds the absolute maximum rating, the parasitic diode within the
IC may conduct, causing characteristics degradation or damage. In addition, if the input pin is lower than
V−, or the output pin exceeds the power supply voltage, it is recommended to make a clamping circuit using
a diode with low forward voltage (e.g.: Schottky diode) as protection.
• Range of common-mode input voltage
When the supply voltage does not meet the condition of electrical characteristics, the range of common-
mode input voltage is as follows.
VICM (TYP.): V - ~ V + -1.5 [V] (TA = 25 °C)
During designing, do include some tolerance by considering temperature characteristics etc.
• Regarding Input Current
The Input Bias Current [IB] specified in the electrical characteristics table, is the average value of current
flowing through the +input terminal [IN] and the current flowing through the –input terminal [II} in the balanced
state of the differential amplifier circuit of the input stage (with negative feedback).
Therefore, since the differential amplifier circuit of the input stage is not balanced during comparison
operation (in the case of comparator operation), the input current flows twice as much towards the low
potential terminal.
• Handling of ICs
When stress is added to the ICs due to warpage or bending of a board, the characteristic may fluctuates
due to piezoelectric (piezo) effect. Therefore, pay attention to warpage or bending of a board.
OUT
(オープン)
V -
-
+
同相入力電圧範囲
(VICM) 内の電位へ
V -
V +
To potentials within the
range of common-mode
input voltage (VICM)
(Open)



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com