Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPC177G2-AP Fiches technique(PDF) 5 Page - Renesas Technology Corp

No de pièce UPC177G2-AP
Description  Single Power Supply Quad Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC177G2-AP Fiches technique(HTML) 5 Page - Renesas Technology Corp

  UPC177G2-AP Datasheet HTML 1Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 2Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 3Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 4Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 5Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 6Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 7Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
UPC177G2, UPC339G2
R03DS0139EJ0200 Rev.2.00
Page 5 of 7
Feb.4.25
5 mV
20 mV
Overdrive 100mV
Overdrive 5mV
20 mV
100 mV
0
1
2
3
4
5
-100
-50
0
50
100
0
0.5
1.0
1.5
2.0
Time, t [μs]
Pulse Response Characteristics I
5
4
3
2
1
0
+5 V
VI -
+
VO
5.1 kΩ
Overdrive 5mV
20 mV
100 mV
5 mV
20 mV
Overdrive 100mV
0
1
2
3
4
5
-100
-50
0
50
100
0
0.5
1.0
1.5
2.0
Time, t [μs]
Pulse Response Characteristics II
5
4
3
2
1
0
+5 V
VI
-
+
VO
5.1 kΩ



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com