Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPC177G2-AP Fiches technique(PDF) 4 Page - Renesas Technology Corp

No de pièce UPC177G2-AP
Description  Single Power Supply Quad Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC177G2-AP Fiches technique(HTML) 4 Page - Renesas Technology Corp

  UPC177G2-AP Datasheet HTML 1Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 2Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 3Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 4Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 5Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 6Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 7Page - Renesas Technology Corp UPC177G2-AP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UPC177G2, UPC339G2
R03DS0139EJ0200 Rev.2.00
Page 4 of 7
Feb.4.25
TYPICAL PERFORMANCE CHARACTERISTICS (TA = 25 °C, TYP.) (Reference value)
UPC177G2, 339G2
182 °C/W
0
200
400
600
800
1000
0
20
40
60
80
100
Operating Ambient Temperature, TA [°C]
PT vs. TA (Absolute Maximum Rating)
TA = 0 °C
TA = 25 °C
TA = 70 °C
0.7
0.8
0.9
1.0
1.1
1.2
1.3
0
10
20
30
40
Power Supply Voltage, V + [V] (V - = GND)
ICC vs. V +
RL = ∞
-3
-2
-1
0
1
2
3
-40
-20
0
20
40
60
80
Operating Ambient Temperature, TA [°C]
VIO vs. TA
V + = +5 V
V - = GND
Any Sample Data
TA = 0 °C
TA = 25 °C
TA = 70 °C
10
20
30
40
50
0
10
20
30
40
Power Supply Voltage, V + [V] (V - = GND)
IB vs. V +
TA = 0 °C
TA = 25 °C
TA = 70 °C
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
Output Sink Current IO SINK [mA]
VOL vs. IO SINK
VO
V +
IO SINK
V + /2 -
+
V + = +15 V



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com