| Moteur de recherche de fiches techniques de composants électroniques |
|
PSCT-75 Fiches technique(PDF) 6 Page - ABB |
|
|
|||||||||||||||||||||||||||||
PSCT-75 Fiches technique(HTML) 6 Page - ABB |
|
6 / 44 page ![]() 1/2 | ABB Spare parts 1 Spare parts contactors Active products Main contact sets Ordering details For contactors Type Order code Pkg qty Weight (1 pce) kg Main contact sets for 3-pole contactors consists of six fixed contacts, three moving contacts, springs and the required screws. A/AF/AE/TAE50-30 ZL50 1SBN163503R1000 1 0.115 A/AF/AE/TAE63-30 ZL63 1SBN163703R1000 1 0.130 A/AF/AE/TAE75-30 ZL75 1SBN164103R1000 1 0.145 A/AF95-30 ZL95 1SFN164303R1000 1 0.190 A/AF110-30 ZL110 1SFN164503R1000 1 0.190 A/AF145 ZL145 1SFN164703R1000 1 0.380 A/AF185 ZL185 1SFN164903R1000 1 0.380 A/AF210 ZL210 1SFN165103R1000 1 0.670 A/AF260 ZL260 1SFN165303R1000 1 0.670 A/AF300 ZL300 1SFN165503R1000 1 0.670 AF400 ZL400 1SFN165703R1000 1 1.320 AF460 ZL460 1SFN165903R1000 1 1.320 AF580 ZL580 1SFN166103R1000 1 1.840 AF750 ZL750 1SFN166303R1000 1 1.840 AF1250 ZL1250 1SFN166403R1000 1 1.840 AF1350 ZL1350 1SFN166503R1000 1 3.500 AF1350-1 (1) ZL1350-1 1SFC166503R1001 1 4.500 AF1650 ZL1650 1SFN166703R1000 1 3.500 AF1650-1 (1) ZL1650-1 1SFN166703R1001 1 4.500 AF2050 ZL2050 1SFN167003R1000 1 3.500 AF2050-1 (1) ZL2050-1 1SFN167003R1001 1 4.500 AF2650 (2) ZL2650 1SFN166603R1000 1 1.200 (1) From contactor with serial number 1S1601001403xxx (2) Do not include fixed parts or screws Main contact sets for 4-pole contactors consists of eight fixed contacts, four moving contacts, springs and the necessary screws. A/AE/AF45-40 ZLT45 1SBN163304R1000 1 0.150 A/AE/AF50-40 ZLT50 1SBN163504R1000 1 0.150 A/AE/AF75-40 ZLT75 1SBN164104R1000 1 0.150 ZL185 ZL1650 |