Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSCT-75 Fiches technique(PDF) 26 Page - ABB

No de pièce PSCT-75
Description  Spare parts for contactors, R contactors, softstarters and arc guard
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

PSCT-75 Fiches technique(HTML) 26 Page - ABB

Back Button PSCT-75 Datasheet HTML 22Page - ABB PSCT-75 Datasheet HTML 23Page - ABB PSCT-75 Datasheet HTML 24Page - ABB PSCT-75 Datasheet HTML 25Page - ABB PSCT-75 Datasheet HTML 26Page - ABB PSCT-75 Datasheet HTML 27Page - ABB PSCT-75 Datasheet HTML 28Page - ABB PSCT-75 Datasheet HTML 29Page - ABB PSCT-75 Datasheet HTML 30Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
2
2/2 | ABB Spare parts
Spare parts R contactors
Main poles
Contact sets for N.O. or N.C. main poles
Description
The contact sets include 1 fixed contact, 1 moving contact, 1 arcing horn (according to table below) and
screws.
The quantities needed are defined per ratings as follow:
– 1 set per pole for R63….R800, R1000, R1400, R1700, R2100
– 2 sets per pole for R1250, R1500, R2500, R3200, R3800
– 3 sets per pole for R2000, R4500, R5100
– 4 sets per pole for R3150
– 5 sets per pole for R4000.
Ordering details
For R contactors type
Order code
Pkg
qty
Weight
(1 pce)
kg
Contact set with arcing horn
IOR, NOR, JOR, FOR
63, 85
FPTN410389R0001
1 set
0.050
125, 170
FPTN410389R0002
1 set
0.150
200, 260
FPTN410389R0003
1 set
0.250
315, 400 (1), 420
FPTN410389R0004
1 set
0.400
400 (2), 500, 550, 630
FPTN410389R0005
1 set
0.480
Contact set without arcing horn
LOR
85
FPTN410390R0001
1 set
0.040
170
FPTN410390R0002
1 set
0.090
260
FPTN410390R0003
1 set
0.180
420
FPTN410390R0004
1 set
0.250
400, 550
FPTN410390R0005
1 set
0.470
IOR, NOR, JOR, FOR, LOR
800, 1000, 1250, 1500, 2000, 3150, 4000
FPTN410391R0001
1 set
0.520
1400, 2500
FPTN410503R0001
1 set
0.520
1700, 2100, 3800, 4500, 5100
FPTN410506R0001
1 set
0.830
(1) For NOR and JOR types, N.C. poles
(2) For IOR, NOR, JOR types, N.O. poles
Arcing horns for N.O or N.C. main poles
Ordering details
For R contactors type
IOR, NOR, JOR, FOR
Order code
Pkg
qty
Weight
(1 pce)
kg
800, 1000, 1250, 1500, 2000, 3150, 4000
FPTN410446R0001
1
0.200
1400, 2500
FPTN410446R0001
1
0.200
1700, 2100, 3200, 3800, 4500, 5100
FPTN410508R0001
1
0.280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44