| Moteur de recherche de fiches techniques de composants électroniques |
|
PSCT-75 Fiches technique(PDF) 29 Page - ABB |
|
|
|||||||||||||||||||||||||||||
PSCT-75 Fiches technique(HTML) 29 Page - ABB |
|
29 / 44 page ![]() 2 ABB Spare parts | 2/5 Spare parts R contactors Auxiliary contacts Auxiliary contact blocks type CA12 Description CA12 auxiliary contact blocks 2 or 4-pole are mounted on a support bracket, above the electro-magnet. The R contactors type R and RE can be equipped with: – 1 or 2 x 2-pole blocks – 1 x 2-pole block + 1 x 4-pole blocks. The R contactors type RR can be equipped with 1 or 2 x 2-pole blocks. Ordering details For R contactors type R, RE, RR (RC excluded) Auxiliary contacts Type Order code Pkg qty Weight (1 pce) kg Auxiliary contact blocks 63...550 1 1 CA12-1 FPTN410004R0001 1 0.050 2 0 CA12-2 FPTN410005R0001 1 0.050 2 2 CA12-11 FPTN410013R0001 1 0.090 1 3 CA12-12 FPTN410016R0001 1 0.090 4 0 CA12-22 FPTN410012R0001 1 0.090 Support bracket 63 …260 Support bracket FPTN410056R0001 1 0.060 315 … 550 Support bracket FPTN410056R0002 1 0.060 Auxiliary contacts type CA15 Description CA15 auxiliary contacts are mounted on a mounting kit, on the frame. Ordering details For R contactors type R, RE, RR, RC Auxiliary contacts Type Order code Pkg qty Weight (1 pce) kg Auxiliary contact with screw terminals 63 ... 5100 1 0 CA15-F FPTN410008R0004 1 0.070 0 1 CA15-O FPTN410007R0006 1 0.070 Auxiliary contact for railway 63 ... 5100 1 0 CA15-F FPTN210382R0003 1 0.070 0 1 CA15-O FPTN210382R0004 1 0.070 Mounting kit 63 …170, 315...550, Universal FPTN410054R0016 1 On auxiliary frame ≥ 800 mounting kit request 200 … 260 Mounting kit FPTN410054R0017 1 Main frame ≥ 800 Mounting kit FPTN410213R0006 1 Special auxiliary contact blocks Please contact your local sales organization (order code of R contactor needed). CA12 CA15-F CA15-O |