| Moteur de recherche de fiches techniques de composants électroniques |
|
PSCT-75 Fiches technique(PDF) 18 Page - ABB |
|
|
|||||||||||||||||||||||||||||
PSCT-75 Fiches technique(HTML) 18 Page - ABB |
|
18 / 44 page ![]() 1/14 | ABB Spare parts 1 Spare parts contactors Classic products Adapter plates Description Adapter plates with fixing holes for specified old contactors to new contactors. Ordering details From old contactor To new contactor Type Order code Pkg qty Weight (1 pce) kg EH65, EH75, EH80, EH90, EG80 A95, A110 PR110-1 1SFN094500R1000 1 0.270 EH100, EH145 A110, A145 PR145-1 1SFN094700R1000 1 0.360 EH150, EH160, EH175, EH210, EG160 A185, A210 PR210-1 1SFN094900R1000 1 0.440 EH250, EH260, EH300 A210...A300 PR300-1 1SFN095300R1000 1 0.560 EH370, EH550, EG315 AF400...AF580 PR460-1 1SFN095700R1000 1 0.900 EH700, EH800 AF750 PR750-1 1SFN096100R1000 1 0.500 EH550, EG630 AF580, AF750 PR750-2 1SFN096100R1001 1 1.100 Note: The adapter plates provided for the A ... contactors can also be used for the AF ... contactors. PR300-1 h l L Dimensions (mm) Type of the plate Dimensions Fixing holes L I h mm PR110-1 151 106 11.2 2 x ø 7 PR145-1 180 122 11.5 4 x ø 7 PR210-1 200 132 11.5 4 x ø 7 PR300-1 200 172 11.5 4 x ø 7 PR460-1 278 198 11.5 4 x ø 7 PR750-1 283 244 11.5 4 x ø 7 Note: The adapter plates provided for the A ... contactors can also be used for the AF ... contactors. Fixing holes according to the plate types |