| Moteur de recherche de fiches techniques de composants électroniques |
|
PSCT-75 Fiches technique(PDF) 17 Page - ABB |
|
|
|||||||||||||||||||||||||||||
PSCT-75 Fiches technique(HTML) 17 Page - ABB |
|
17 / 44 page ![]() ABB Spare parts | 1/13 1 Spare parts contactors Classic products Mounting plates Ordering details To use with left hand contactor Mecha Right hand contactor Type Order code Pkg Weight qty (1 pce) kg Plates for two horizontal mounted contactors with or without a mechanical interlock unit and/or thermal overload relay EH175, EH210 VH250A EH145 PN210-22 SK829075-C 1.400 EH175, EH210 VH300 EH175, EH210 EK110, EK150 VH45 EK175, EK210 EH260, EH300 VH300 EH175, EH210 PN300-22 SK829075-E 2.070 EH260, EH300 VH300 EH260, EH300 EK175, EK210 VH300 EK175, EK210 Plates for two horizontal mounted contactors with or without a mechanical interlock unit and/or thermal overload relay EH370, EH550 – EH370, EH550 PN550-21 21750297-5 4.100 EH700, EH800 – EH700, EH800 PN800-22 21750297-6 5.000 EH370, EH550 – EH370, EH550 Main dimensions mm 320 340 ø 6.8 5 430 400 ø 15 3 PN210-22 PN300-22 580 550 ø 15 Additional plate PR 900-9B 46 580 550 ø 15 Additional plate PR 900-9B 46 PN550-22 PN800-22 PN ... |