| Moteur de recherche de fiches techniques de composants électroniques |
|
DRA752ABC Fiches technique(PDF) 91 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA752ABC Fiches technique(HTML) 91 Page - Texas Instruments |
|
91 / 443 page ![]() Copyright © 2015–2019, Texas Instruments Incorporated Terminal Configuration and Functions Submit Documentation Feedback Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744 91 DRA756, DRA755, DRA754, DRA752 DRA751, DRA750, DRA746, DRA745, DRA744 www.ti.com SPRS950F – DECEMBER 2015 – REVISED MAY 2019 Table 4-3. Multiplexing Characteristics (continued) ADDRESS REGISTER NAME BALL NUMBER MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0]) 0 1 2 3 4 5 6 7 8 9 10 14 15 0x15CC CTRL_CORE_PAD_V OUT1_DE B10 vout1_de vin4a_de0 vin3a_de0 spi3_d1 gpio4_20 Driver off 0x15D0 CTRL_CORE_PAD_V OUT1_FLD B11 vout1_fld vin4a_clk0 vin3a_clk0 spi3_cs1 gpio4_21 Driver off 0x15D4 CTRL_CORE_PAD_V OUT1_HSYNC C11 vout1_hsync vin4a_hsync0 vin3a_hsync0 spi3_d0 gpio4_22 Driver off 0x15D8 CTRL_CORE_PAD_V OUT1_VSYNC E11 vout1_vsync vin4a_vsync0 vin3a_vsync0 spi3_sclk gpio4_23 Driver off 0x15DC CTRL_CORE_PAD_V OUT1_D0 F11 vout1_d0 uart5_rxd vin4a_d16 vin3a_d16 spi3_cs2 gpio8_0 Driver off 0x15E0 CTRL_CORE_PAD_V OUT1_D1 G10 vout1_d1 uart5_txd vin4a_d17 vin3a_d17 gpio8_1 Driver off 0x15E4 CTRL_CORE_PAD_V OUT1_D2 F10 vout1_d2 emu2 vin4a_d18 vin3a_d18 obs0 obs16 obs_irq1 gpio8_2 Driver off 0x15E8 CTRL_CORE_PAD_V OUT1_D3 G11 vout1_d3 emu5 vin4a_d19 vin3a_d19 obs1 obs17 obs_dmarq1 gpio8_3 Driver off 0x15EC CTRL_CORE_PAD_V OUT1_D4 E9 vout1_d4 emu6 vin4a_d20 vin3a_d20 obs2 obs18 gpio8_4 Driver off 0x15F0 CTRL_CORE_PAD_V OUT1_D5 F9 vout1_d5 emu7 vin4a_d21 vin3a_d21 obs3 obs19 gpio8_5 Driver off 0x15F4 CTRL_CORE_PAD_V OUT1_D6 F8 vout1_d6 emu8 vin4a_d22 vin3a_d22 obs4 obs20 gpio8_6 Driver off 0x15F8 CTRL_CORE_PAD_V OUT1_D7 E7 vout1_d7 emu9 vin4a_d23 vin3a_d23 gpio8_7 Driver off 0x15FC CTRL_CORE_PAD_V OUT1_D8 E8 vout1_d8 uart6_rxd vin4a_d8 vin3a_d8 gpio8_8 Driver off 0x1600 CTRL_CORE_PAD_V OUT1_D9 D9 vout1_d9 uart6_txd vin4a_d9 vin3a_d9 gpio8_9 Driver off 0x1604 CTRL_CORE_PAD_V OUT1_D10 D7 vout1_d10 emu3 vin4a_d10 vin3a_d10 obs5 obs21 obs_irq2 gpio8_10 Driver off 0x1608 CTRL_CORE_PAD_V OUT1_D11 D8 vout1_d11 emu10 vin4a_d11 vin3a_d11 obs6 obs22 obs_dmarq2 gpio8_11 Driver off 0x160C CTRL_CORE_PAD_V OUT1_D12 A5 vout1_d12 emu11 vin4a_d12 vin3a_d12 obs7 obs23 gpio8_12 Driver off 0x1610 CTRL_CORE_PAD_V OUT1_D13 C6 vout1_d13 emu12 vin4a_d13 vin3a_d13 obs8 obs24 gpio8_13 Driver off 0x1614 CTRL_CORE_PAD_V OUT1_D14 C8 vout1_d14 emu13 vin4a_d14 vin3a_d14 obs9 obs25 gpio8_14 Driver off 0x1618 CTRL_CORE_PAD_V OUT1_D15 C7 vout1_d15 emu14 vin4a_d15 vin3a_d15 obs10 obs26 gpio8_15 Driver off 0x161C CTRL_CORE_PAD_V OUT1_D16 B7 vout1_d16 uart7_rxd vin4a_d0 vin3a_d0 gpio8_16 Driver off 0x1620 CTRL_CORE_PAD_V OUT1_D17 B8 vout1_d17 uart7_txd vin4a_d1 vin3a_d1 gpio8_17 Driver off 0x1624 CTRL_CORE_PAD_V OUT1_D18 A7 vout1_d18 emu4 vin4a_d2 vin3a_d2 obs11 obs27 gpio8_18 Driver off 0x1628 CTRL_CORE_PAD_V OUT1_D19 A8 vout1_d19 emu15 vin4a_d3 vin3a_d3 obs12 obs28 gpio8_19 Driver off |