Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DRA752ABC Fiches technique(PDF) 47 Page - Texas Instruments

No de pièce DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Fiches technique(HTML) 47 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 43Page - Texas Instruments DRA752ABC Datasheet HTML 44Page - Texas Instruments DRA752ABC Datasheet HTML 45Page - Texas Instruments DRA752ABC Datasheet HTML 46Page - Texas Instruments DRA752ABC Datasheet HTML 47Page - Texas Instruments DRA752ABC Datasheet HTML 48Page - Texas Instruments DRA752ABC Datasheet HTML 49Page - Texas Instruments DRA752ABC Datasheet HTML 50Page - Texas Instruments DRA752ABC Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 443 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
47
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Table 4-2. Ball Characteristics(1) (continued)
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
74x [4]
MUXMODE
[5]
TYPE [6]
BALL
RESET
STATE [7]
BALL
RESET
REL.
STATE [8]
BALL
RESET
REL.
MUXMODE
[9]
I/O
VOLTAGE
VALUE [10]
POWER
[11]
HYS [12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
DSIS [15]
AH14
pcie_txp0
pcie_txp0
0
O
1.8
vdda_pcie0
SERDES
AH12
pcie_txp1
pcie_txp1
No
0
O
1.8
vdda_pcie1
SERDES
F22
porz
porz
0
I
1.8/3.3
vddshv3
Yes
IHHV1833
PU/PD
E23
resetn
resetn
0
I
PU
PU
1.8/3.3
vddshv3
Yes
Dual
Voltage
LVCMOS
PU/PD
U5
rgmii0_rxc
rgmii0_rxc
0
I
PD
PD
15
1.8/3.3
vddshv9
Yes
Dual
Voltage
LVCMOS
PU/PD
0
rmii1_txen
2
O
mii0_txclk
3
I
0
vin2a_d5
4
I
0
vin4b_d5
5
I
0
usb4_ulpi_d2
6
IO
0
gpio5_26
14
IO
Driver off
15
I
V5
rgmii0_rxctl
rgmii0_rxctl
0
I
PD
PD
15
1.8/3.3
vddshv9
Yes
Dual
Voltage
LVCMOS
PU/PD
0
rmii1_txd1
2
O
mii0_txd3
3
O
vin2a_d6
4
I
0
vin4b_d6
5
I
0
usb4_ulpi_d3
6
IO
0
gpio5_27
14
IO
Driver off
15
I
W2
rgmii0_rxd0
rgmii0_rxd0
0
I
PD
PD
15
1.8/3.3
vddshv9
Yes
Dual
Voltage
LVCMOS
PU/PD
0
rmii0_txd0
1
O
mii0_txd0
3
O
vin2a_fld0
4
I
vin4b_fld1
5
I
0
usb4_ulpi_d7
6
IO
0
gpio5_31
14
IO
Driver off
15
I
Y2
rgmii0_rxd1
rgmii0_rxd1
0
I
PD
PD
15
1.8/3.3
vddshv9
Yes
Dual
Voltage
LVCMOS
PU/PD
0
rmii0_txd1
1
O
mii0_txd1
3
O
vin2a_d9
4
I
0
usb4_ulpi_d6
6
IO
0
gpio5_30
14
IO
Driver off
15
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More