Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DRA752ABC Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Fiches technique(HTML) 8 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 4Page - Texas Instruments DRA752ABC Datasheet HTML 5Page - Texas Instruments DRA752ABC Datasheet HTML 6Page - Texas Instruments DRA752ABC Datasheet HTML 7Page - Texas Instruments DRA752ABC Datasheet HTML 8Page - Texas Instruments DRA752ABC Datasheet HTML 9Page - Texas Instruments DRA752ABC Datasheet HTML 10Page - Texas Instruments DRA752ABC Datasheet HTML 11Page - Texas Instruments DRA752ABC Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 443 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Device Comparison
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
8
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Table 3-1. Device Comparison(4) (continued)
FEATURES
DEVICE
Jacinto 6 EX
Jacinto 6 EP
Jacinto 6
DRA756
DRA755
DRA754
DRA752
DRA751
DRA750
DRA746
DRA745
DRA744
Inter-Integrated Circuit Interface (I2C)
I2C
5
5
5
System Mailbox Module
MAILBOX
13
13
13
Media Local Bus Subsystem (MLBSS)
MLB
Yes
Yes
Yes
Multichannel Audio Serial Port (McASP)
McASP1
16 serializers
16 serializers
16 serializers
McASP2
16 serializers
16 serializers
16 serializers
McASP3
4 serializers
4 serializers
4 serializers
McASP4
4 serializers
4 serializers
4 serializers
McASP5
4 serializers
4 serializers
4 serializers
McASP6
4 serializers
4 serializers
4 serializers
McASP7
4 serializers
4 serializers
4 serializers
McASP8
4 serializers
4 serializers
4 serializers
MultiMedia Card/Secure Digital/Secure Digital
Input Output Interface (MMC/SD/SDIO)
MMC1
1x UHSI 4b
1x UHSI 4b
1x UHSI 4b
MMC2
1x eMMC™ 8b
1x eMMC 8b
1x eMMC 8b
MMC3
1x SDIO 8b
1x SDIO 8b
1x SDIO 8b
MMC4
1x SDIO 4b
1x SDIO 4b
1x SDIO 4b
PCI Express 3.0 Port with Integrated PHY
PCIe_SS1
Yes
Yes
Yes (Single-lane mode)
PCIe_SS2
Yes
Yes
No
SATA
SATA
Yes
Yes
Yes
Real-Time Clock Subsystem (RTCSS)
RTCSS
Yes
Yes
Yes
Multichannel Serial Peripheral Interface (McSPI) McSPI
4
4
4
HDQ1W
HDQ1W
Yes
Yes
Yes
Quad SPI (QSPI)
QSPI
Yes
Yes
Yes
Spinlock Module
SPINLOCK
Yes
Yes
Yes
Keyboard Controller (KBD)
KBD
Yes
Yes
Yes
Timers, General-Purpose
TIMER
16
16
16
Timer, Watchdog
WATCHDOG
TIMER
Yes
Yes
Yes
Pulse-Width Modulation Subsystem (PWMSS)
PWMSS1
Yes
Yes
Yes
PWMSS2
Yes
Yes
Yes
PWMSS3
Yes
Yes
Yes
Universal Asynchronous Receiver/Transmitter
(UART)
UART
10
10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More